Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TL494
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL494 Datasheet(HTML) 3 Page - Motorola, Inc

  TL494 Datasheet HTML 1Page - Motorola, Inc TL494 Datasheet HTML 2Page - Motorola, Inc TL494 Datasheet HTML 3Page - Motorola, Inc TL494 Datasheet HTML 4Page - Motorola, Inc TL494 Datasheet HTML 5Page - Motorola, Inc TL494 Datasheet HTML 6Page - Motorola, Inc TL494 Datasheet HTML 7Page - Motorola, Inc TL494 Datasheet HTML 8Page - Motorola, Inc TL494 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL494
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 µF, RT = 12 kΩ, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage (VO (Pin 3) = 2.5 V)
VIO
–
2.0
10
mV
Input Offset Current (VO (Pin 3) = 2.5 V)
IIO
–
5.0
250
nA
Input Bias Current (VO (Pin 3) = 2.5 V)
IIB
–
–0.1
–1.0
µA
Input Common Mode Voltage Range (VCC = 40 V, TA = 25°C)
VICR
–0.3 to VCC–2.0
V
Open Loop Voltage Gain (
∆VO = 3.0 V, VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
AVOL
70
95
–
dB
Unity–Gain Crossover Frequency (VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
fC–
–
350
–
kHz
Phase Margin at Unity–Gain (VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
φm
–
65
–
deg.
Common Mode Rejection Ratio (VCC = 40 V)
CMRR
65
90
–
dB
Power Supply Rejection Ratio (
∆VCC = 33 V, VO = 2.5 V, RL = 2.0 kΩ)
PSRR
–
100
–
dB
Output Sink Current (VO (Pin 3) = 0.7 V)
IO–
0.3
0.7
–
mA
Output Source Current (VO (Pin 3) = 3.5 V)
IO+
2.0
–4.0
–
mA
PWM COMPARATOR SECTION (Test Circuit Figure 11)
Input Threshold Voltage (Zero Duty Cycle)
VTH
–
2.5
4.5
V
Input Sink Current (V(Pin 3) = 0.7 V)
II–
0.3
0.7
–
mA
DEADTIME CONTROL SECTION (Test Circuit Figure 11)
Input Bias Current (Pin 4) (VPin 4 = 0 V to 5.25 V)
IIB (DT)
–
–2.0
–10
µA
Maximum Duty Cycle, Each Output, Push–Pull Mode
(VPin 4 = 0 V, CT = 0.01 µF, RT = 12 kΩ)
(VPin 4 = 0 V, CT = 0.001 µF, RT = 30 kΩ)
DCmax
45
–
48
45
50
50
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
Vth
–
0
2.8
–
3.3
–
V
OSCILLATOR SECTION
Frequency (CT = 0.001 µF, RT = 30 kΩ)
fosc
–
40
–
kHz
Standard Deviation of Frequency* (CT = 0.001 µF, RT = 30 kΩ)
σfosc
–
3.0
–
%
Frequency Change with Voltage (VCC = 7.0 V to 40 V, TA = 25°C)
∆fosc (∆V)
–
0.1
–
%
Frequency Change with Temperature (
∆TA = Tlow to Thigh)
(CT = 0.01 µF, RT = 12 kΩ)
∆fosc (∆T)
–
–
12
%
UNDERVOLTAGE LOCKOUT SECTION
Turn–On Threshold (VCC increasing, Iref = 1.0 mA)
Vth
5.5
6.43
7.0
V
TOTAL DEVICE
Standby Supply Current (Pin 6 at Vref, All other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
–
–
5.5
7.0
10
15
mA
Average Supply Current
(CT = 0.01 µF, RT = 12 kΩ, V(Pin 4) = 2.0 V)
(VCC = 15 V) (See Figure 12)
–
7.0
–
mA
* Standard deviation is a measure of the statistical distribution about the mean as derived from the formula,
σ
N
n = 1
Σ (Xn – X)2
N – 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com