Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 8 Page - Motorola, Inc

Part # TL494
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL494 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button TL494 Datasheet HTML 4Page - Motorola, Inc TL494 Datasheet HTML 5Page - Motorola, Inc TL494 Datasheet HTML 6Page - Motorola, Inc TL494 Datasheet HTML 7Page - Motorola, Inc TL494 Datasheet HTML 8Page - Motorola, Inc TL494 Datasheet HTML 9Page - Motorola, Inc TL494 Datasheet HTML 10Page - Motorola, Inc TL494 Datasheet HTML 11Page - Motorola, Inc TL494 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TL494
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 14. Error–Amplifier Sensing Techniques
Figure 15. Deadtime Control Circuit
Figure 16. Soft–Start Circuit
Figure 17. Output Connections for Single–Ended and Push–Pull Configurations
VO
To Output
Voltage of
System
R1
1
2
Vref
R2
+
Error
Amp
Positive Output Voltage
VO = Vref
1 +
R1
3
+
1
2
Vref
R2
VO
R1
Negative Output Voltage
–
To Output
Voltage of
System
Error
Amp
–
VO = Vref
R1
R1
R2
Output
Control
Output
Q
RT
CT
DT
Vref
4
5
6
0.001
30k
R1
R2
Max. % on Time, each output
≈ 45 –
80
1 +
Output
Q
Vref
4
DT
CS
RS
Output
Control
Single–Ended
Q1
Q2
QC
1.0 mA to
500 mA
QE
2.4 V
≤ VOC ≤ Vref
Push–Pull
Q1
Q2
C1
E1
C2
E2
1.0 mA to 250 mA
1.0 mA to 250 mA
Output
Control
0
≤ VOC ≤ 0.4 V
C1
E1
C2
E2
R2
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com