Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 7 Page - Motorola, Inc

Part # TL494
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL494 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button TL494 Datasheet HTML 3Page - Motorola, Inc TL494 Datasheet HTML 4Page - Motorola, Inc TL494 Datasheet HTML 5Page - Motorola, Inc TL494 Datasheet HTML 6Page - Motorola, Inc TL494 Datasheet HTML 7Page - Motorola, Inc TL494 Datasheet HTML 8Page - Motorola, Inc TL494 Datasheet HTML 9Page - Motorola, Inc TL494 Datasheet HTML 10Page - Motorola, Inc TL494 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TL494
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 10. Error–Amplifier Characteristics
Figure 11. Deadtime and Feedback Control Circuit
Figure 12. Common–Emitter Configuration
Test Circuit and Waveform
+
+
Vin
Error Amplifier
Under Test
Feedback
Terminal
(Pin 3)
Other Error
Amplifier
Vref
VCC = 15V
150
2W
Output 1
Output 2
C1
E1
C2
E2
Ref
Out
Gnd
Output
Control
(+)
(+)
(–)
(–)
Feedback
Deadtime
Error
VCC
Test
Inputs
50k
RT
CT
150
2W
Figure 13. Emitter–Follower Configuration
Test Circuit and Waveform
RL
68
VC
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VCC
10%
90%
10%
tr
tf
RL
68
VEE
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VEE
10%
90%
10%
tr
tf
–
–
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com