Electronic Components Datasheet Search
  English  ▼

X  

OPA830ID Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830ID
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830ID Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA830ID Datasheet HTML 1Page - National Semiconductor (TI) OPA830ID Datasheet HTML 2Page - National Semiconductor (TI) OPA830ID Datasheet HTML 3Page - National Semiconductor (TI) OPA830ID Datasheet HTML 4Page - National Semiconductor (TI) OPA830ID Datasheet HTML 5Page - National Semiconductor (TI) OPA830ID Datasheet HTML 6Page - National Semiconductor (TI) OPA830ID Datasheet HTML 7Page - National Semiconductor (TI) OPA830ID Datasheet HTML 8Page - National Semiconductor (TI) OPA830ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
OPA830ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth
G = +1, VO ≤ 0.2VPP
250
MHz
typ
C
G = +2, VO ≤ 0.2VPP
110
72
70
68
MHz
min
B
G = +5, VO ≤ 0.2VPP
24
17
16
15
MHz
min
B
G = +10, VO ≤ 0.2VPP
11
8
7
6
MHz
min
B
Gain-Bandwidth Product
G
≥ +10
110
84
80
79
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.2VPP
5
dB
typ
C
Slew Rate
G = +2, 2V Step
550
280
270
260
V/
µs
min
B
Rise Time
0.5V Step
3.3
5.7
5.8
5.9
ns
max
B
Fall Time
0.5V Step
3.3
5.7
5.8
5.9
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
43
64
66
67
ns
max
B
Harmonic Distortion
VO = 2VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
−62
−55
−54
−53
dBc
max
B
RL ≥ 500Ω
−64
−58
−57
−56
dBc
max
B
3rd-Harmonic
RL = 150Ω
−58
−50
−49
−48
dBc
max
B
RL ≥ 500Ω
−84
−66
−63
−60
dBc
max
B
Input Voltage Noise
f > 1MHz
9.2
10.2
10.7
11.2
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.5
4.5
5.0
5.5
pA/
√Hz
max
B
NTSC Differential Gain
0.08
%
typ
C
NTSC Differential Phase
0.09
°
typ
C
DC PERFORMANCE(4)
RL = 150Ω
Open-Loop Voltage Gain
72
66
65
64
dB
min
A
Input Offset Voltage
±0.5
±5.0
±6.0
±6.5
mV
max
A
Average Offset Voltage Drift
—
±20
±20
µV/°C
max
B
Input Bias Current
VCM = 2.5V
+5
+10
+12
+13
µA
max
A
Input Bias Current Drift
±12
±12
nA/
°C
max
B
Input Offset Current
VCM = 2.5V
±0.1
±0.8
±1
±1.2
µA
max
A
Input Offset Current Drift
—
±5
±5
nA/
°C
max
B
INPUT
Least Positive Input Voltage(5)
−0.5
−0.4
−0.3
−0.2
V
max
A
Most Positive Input Voltage(5)
3.2
3.1
3.0
2.9
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
76
74
72
dB
min
A
Input Impedance
Differential-Mode
10
 2.1
k
Ω pF
typ
C
Common-Mode
400
1.2
k
Ω pF
typ
C
OUTPUT
Least Positive Output Voltage
G = +5, RL = 1kΩ to 2.5V
0.09
0.11
0.12
0.13
V
max
A
G = +5, RL = 150Ω to 2.5V
0.21
0.24
0.25
0.26
V
max
A
Most Positive Output Voltage
G = +5, RL = 1kΩ to 2.5V
4.91
4.89
4.88
4.87
V
min
A
G = +5, RL = 150Ω to 2.5V
4.78
4.75
4.73
4.72
V
min
A
Current Output, Sourcing and Sinking
±80
±60
±55
±52
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
140
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.06
Ω
typ
C
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
typ
C
Maximum Operating Voltage
+11
+11
+11
V
max
A
Maximum Quiescent Current
VS = +5V
3.9
4.1
4.8
5.5
mA
max
A
Minimum Quiescent Current
VS = +5V
3.9
3.7
3.4
3.1
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
66
61
60
59
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
D
SO-8
125
°C/W
typ
C
DBV
SOT23-5
150
°C/W
typ
C
(1)
Junction temperature = ambient for +25
°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +5
°C at high temperature limit for over temperature.
(3)
Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4)
Current considered positive out of pin.
(5)
Tested < 3dB below minimum specified CMRR at
± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com