Electronic Components Datasheet Search
  English  ▼

X  

OPA830ID Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830ID
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830ID Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button OPA830ID Datasheet HTML 9Page - National Semiconductor (TI) OPA830ID Datasheet HTML 10Page - National Semiconductor (TI) OPA830ID Datasheet HTML 11Page - National Semiconductor (TI) OPA830ID Datasheet HTML 12Page - National Semiconductor (TI) OPA830ID Datasheet HTML 13Page - National Semiconductor (TI) OPA830ID Datasheet HTML 14Page - National Semiconductor (TI) OPA830ID Datasheet HTML 15Page - National Semiconductor (TI) OPA830ID Datasheet HTML 16Page - National Semiconductor (TI) OPA830ID Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
13
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, RL = 150Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 1).
4
3
2
1
0
−1
−2
−3
−8
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
8
6
4
2
0
−2
−4
−6
−8
−50
−25
0
255075
100
125
Input Bias Current (I
B)
10
× Input Offset Current (I
OS)
Input Offset Voltage (V
OS)
90
80
70
60
50
40
30
20
10
0
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
CMRR
PSRR
100
95
90
85
80
75
70
65
60
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
_C)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
−50
−25
0
255075
100
125
Output Current, Sinking
Quiescent Current
Output Current, Sourcing
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
OUTPUT SWING vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1k
G= +5V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com