Electronic Components Datasheet Search
  English  ▼

X  

OPA830ID Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830ID
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830ID Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA830ID Datasheet HTML 12Page - National Semiconductor (TI) OPA830ID Datasheet HTML 13Page - National Semiconductor (TI) OPA830ID Datasheet HTML 14Page - National Semiconductor (TI) OPA830ID Datasheet HTML 15Page - National Semiconductor (TI) OPA830ID Datasheet HTML 16Page - National Semiconductor (TI) OPA830ID Datasheet HTML 17Page - National Semiconductor (TI) OPA830ID Datasheet HTML 18Page - National Semiconductor (TI) OPA830ID Datasheet HTML 19Page - National Semiconductor (TI) OPA830ID Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
16
TYPICAL CHARACTERISTICS: VS = +3V (continued)
At TA = 25°C, G = +2, and RL = 150Ω to VS/3, unless otherwise noted (see Figure 2).
−50
−55
−60
−65
−70
−75
−80
−85
−90
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
1000
f=5MHz
V
O =1VPP
G= +2V/V
SeeFigure2
3rd−Harmonic
2nd−Harmonic
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
2nd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 500Ω
3rd−Harmonic
R
L = 150Ω
3rd−Harmonic
R
L = 500Ω
V
O =1VPP
G= +2V/V
SeeFigure2
190
170
150
130
110
90
70
50
30
10
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1k
0dB Peaking Targeted
−40
−50
−60
−70
−80
−90
−100
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
f= 5MHz
R
L =500Ω
G= +2V/V
SeeFigure2
Input Limited
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
TWO−TONE, 3RD−ORDER INTERMODULATION SPURIOUS
Single−Tone Load Power (dBm)
10MHz
5MHz
20MHz
−28 −26 −24 −22 −20 −18 −16 −14 −12 −10 −8
750
Ω
OPA830
P
I
P
O
50
Ω
500
Ω
750
Ω
8
7
6
5
4
3
2
1
0
−1
−2
−3
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
200
C
L = 1000pF
C
L = 100pF
C
L = 10pF
750
Ω
RS
VI
V
O
50
Ω
1k
Ω(1)
CL
750
Ω
NOTE: (1) 1k
Ω is optional.
O P A830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com