Electronic Components Datasheet Search
  English  ▼

X  

OPA830ID Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830ID
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830ID Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA830ID Datasheet HTML 8Page - National Semiconductor (TI) OPA830ID Datasheet HTML 9Page - National Semiconductor (TI) OPA830ID Datasheet HTML 10Page - National Semiconductor (TI) OPA830ID Datasheet HTML 11Page - National Semiconductor (TI) OPA830ID Datasheet HTML 12Page - National Semiconductor (TI) OPA830ID Datasheet HTML 13Page - National Semiconductor (TI) OPA830ID Datasheet HTML 14Page - National Semiconductor (TI) OPA830ID Datasheet HTML 15Page - National Semiconductor (TI) OPA830ID Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
12
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, RL = 150Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 1).
100
10
1
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
Voltage Noise
(9.2nV/
√Hz)
Current Noise
(3.5pA/
√Hz)
130
120
110
100
90
80
70
60
50
40
30
20
10
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1k
0dB Peaking Targeted
80
70
60
50
40
30
20
10
0
−10
−20
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
−200
100
1k
10k
100k
1M
10M
100M
1G
20 log (A
OL)
∠(A
OL)
100
10
1
0.1
0.01
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
8
7
6
5
4
3
2
1
0
−1
−2
−3
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
C
L = 1000pF
C
L = 100pF
C
L = 10pF
750
Ω
R
S
O P A830
V
I
V
O
50
Ω
1k
Ω(1)
CL
750
Ω
NOTE: (1) 1k
Ωis optional.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
VOLTAGE RANGES vs TEMPERATURE
Ambient Temperature (10
_C/div)
−50
0
50
110
Most Positive Output Voltage
Most Positive Input Voltage
Least Positive Output Voltage
Least Positive Input Voltage
R
L =150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com