Electronic Components Datasheet Search
  English  ▼

X  

OPA2835ID Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835ID
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835ID Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button OPA2835ID Datasheet HTML 28Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 29Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 30Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 31Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 32Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 33Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 34Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 35Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
OPA 835
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
RF
GVSIG
0 V
0 V
VSIG
VOUT
RO
RF
OPA 835
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
0 V
VSIG
RO
VOUT
GVSIG
0 V
OPA835
OPA2835
SLOS713E – JANUARY 2011 – REVISED JULY 2013
www.ti.com
Figure 67. Non-Inverting Single Supply with Pulse
If the input signal pulses negative from ground, an inverting amplifier is more appropriate as shown in Figure 68.
A key consideration in both non-inverting and inverting cases is that the input and output voltages are kept within
the limits of the amplifier, and since the VICR of the OPA835 includes the negative supply rail, the op amp lends
itself to this application.
Figure 68. Inverting Single Supply with Pulse
Power-Down Operation
The OPA835 and OPA2835 include a power-down mode. Under logic control, the amplifiers can be switched
from normal operation to a standby current of <1.5 µA. When the PD pin is connected high, the amplifier is
active. Connecting PD pin low disables the amplifier, and places the output in a high impedance state. Note: the
op amp’s output in gain of +1 is high impedance similar to a 3-state high impedance gate, but in other gains the
feedback network is a parallel load.
The PD pin must be actively driven high or low and should not be left floating. If the power-down mode is not
used, PD should be tied to the positive supply rail.
PD logic states are TTL with reference to the negative supply rail, VS-. When the op amp is powered from single
supply and ground, driving from logic devices with similar VDD voltages to the op amp should not require any
special consideration. When the op amp is powered from split supply, VS- is below ground and an open collector
type of interface with pull-up resistor is more appropriate. Pull-up resistor values should be lower than 100k and
the drive logic should be negated due to the inverting action of an open collector gate.
32
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com