Electronic Components Datasheet Search
  English  ▼

X  

OPA2835ID Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835ID
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835ID Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA2835ID Datasheet HTML 3Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 4Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 5Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 6Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 7Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 8Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 9Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 10Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
SPECIFICATIONS: VS = 5 V
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VO = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, Input and Output
Referenced to mid-supply. TA = 25°C. Unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
120
dB
A
TA = 25°C
±100
±500
A
TA = 0°C to 70°C
±880
Input referred offset voltage
µV
TA = –40°C to 85°C
±1040
B
TA = –40°C to 125°C
±1850
Input offset voltage drift(2)
TA = 0°C to 70°C
±1.4
±8.5
TA = –40°C to 85°C
±1.5
±9
µV/°C
B
TA = –40°C to 125°C
±2.25
±13.5
TA = 25°C
50
200
400
A
TA = 0°C to 70°C
47
410
Input bias current
nA
TA = –40°C to 85°C
45
425
B
TA = –40°C to 125°C
45
530
TA = 0°C to 70°C
±0.25
±1.4
Input bias current drift(2)
TA = –40°C to 85°C
±0.175
±1.05
nA/°C
B
TA = –40°C to 125°C
±0.185
±1.1
TA = 25°C
±13
±100
A
TA = 0°C to 70°C
±13
±100
Input offset current
nA
TA = –40°C to 85°C
±13
±100
B
TA = –40°C to 125°C
±13
±100
TA = 0°C to 70°C
±0.205
±1.23
Input offset current drift(2)
TA = –40°C to 85°C
±0.155
±0.94
nA/°C
B
TA = –40°C to 125°C
±0.155
±0.94
INPUT
TA = 25°C, <3dB degradation in CMRR limit
–0.2
0
V
A
Common-mode input range low
TA = –40°C to 125°C, <3dB degradation in CMRR limit
–0.2
0
V
B
TA = 25°C, <3dB degradation in CMRR limit
3.8
3.9
V
A
Common-mode input range high
TA = –40°C to 125°C, <3dB degradation in CMRR limit
3.8
3.9
V
B
Common-mode rejection ratio
91
113
dB
A
Input impedance common mode
200||1.2
k
Ω || pF
C
Input impedance differential mode
200||1
k
Ω || pF
C
OUTPUT
TA = 25°C, G = 5
0.15
0.2
V
A
Linear output voltage low
TA = –40°C to 125°C, G = 5
0.15
0.2
V
B
TA = 25°C, G = 5
4.75
4.8
V
A
Linear output voltage high
TA = –40°C to 125°C, G = 5
4.75
4.8
V
B
Output saturation voltage, High / Low
TA = 25°C, G = 5
70/25
mV
C
TA = 25°C
±30
±40
mA
A
Linear output current drive
TA = –40°C to 125°C
±25
mA
B
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
(2)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com