Electronic Components Datasheet Search
  English  ▼

X  

OPA2835ID Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835ID
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835ID Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA2835ID Datasheet HTML 10Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 11Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 12Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 13Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 14Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 15Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 16Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 17Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1
10
100
1k
10k
100k
1M
10M
100M
1G
f - Frequency - Hz
Open Loop Gain Magnitude
-400
-350
-300
-250
-200
-150
-100
-50
0
Open Loop Gain Phase
V = 2.7 V
S
10k
100k
1M
10M
100M
f - Frequency - Hz
-80
-70
-60
-50
-40
-30
-20
-10
0
PSRR
CMRR
V
= 2.7 V
S
10
100
1000
C
- Capacitive Load - pF
LOAD
1
10
100
V = 2.7 V,
G = 1,
R = 0
,
R = 2 k
S
F
L
W
W
10
100
1k
10k
100k
1M
10M
f - Frequency - Hz
Current Noise
Voltage Noise
0.1
1
10
100
V = 2.7 V
S
-9
-6
-3
0
3
100k
1M
10M
100M
1G
f - Frequency - Hz
C = 1 pF
R = 0
L
O
W
C = 100 pF
R = 40.2
L
O
W
C = 220 pF
R = 24.9
L
O
W
C = 560 pF
R = 13
L
O
W
C = 22 pF
R = 76.8
L
O
W
C = 10 pF
R = 0
L
O
W
V = 2.7 V,
G = 1,
R = 0
R = 2 k
S
F
L
W
W
C = 1000 pF
R = 10
L
O
W
10k
100k
1M
10M
100M
1G
f - Frequency - Hz
0.01
0.1
1
10
100
1000
V = 2.7 V,
G = 1
S
OPA835
OPA2835
SLOS713E – JANUARY 2011 – REVISED JULY 2013
www.ti.com
TYPICAL PERFORMANCE GRAPHS: VS = 2.7 V (continued)
Figure 13. Output Impedance vs Frequency
Figure 14. Frequency Response with Capacitive Load
Figure 15. Series Output Resistor vs Capacitive Load
Figure 16. Input Referred Noise vs Frequency
Figure 17. Open Loop Gain vs Frequency
Figure 18. Common Mode/Power Supply Rejection Ratios
vs Frequency
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com