Electronic Components Datasheet Search
  English  ▼

X  

OPA2835ID Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835ID
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835ID Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA2835ID Datasheet HTML 1Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 2Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 3Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 4Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 5Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 6Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 7Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 8Page - National Semiconductor (TI) OPA2835ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
-140
-120
-100
-80
-60
-40
-20
0
0
20,000
40,000
60,000
80,000
100,000
120,000
Frequency (Hz)
2.7V
ADS8326
+In
-In
100
2.2nF
2k
2k
V
IN
OPA835
V
S-
2k
4.02k
4.02k
2.5V
5V
V
S+
V
DD
REF
2.7V
0V
V
SIG
1.35V
V
SIG
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Check for Samples: OPA835, OPA2835
1
FEATURES
DESCRIPTION
Fabricated
using
the
industry-leading
BiCom-3x
•
Ultra Low Power
(SiGe complimentary bipolar) process, the OPA835
–
Supply Voltage: 2.5 V to 5.5 V
and OPA2835 are single and dual ultra low-power,
–
Quiescent Current: 250 µA (typ)
rail-to-rail output, negative rail input, voltage-feedback
operational amplifiers designed to operate over a
–
Power Down Mode: 0.5 µA (typ)
power supply range of 2.5 V to 5.5 V Single Supply
•
Bandwidth: 56 MHz
and ±1.25 V to ±2.75 V dual supply. Consuming only
•
Slew Rate: 160 V/µs
250 µA per channel and a unity gain bandwidth of 56
MHz, these amplifiers set an industry leading power-
•
Rise Time: 10 ns (2 VSTEP)
to-performance ratio for rail-to-rail amplifiers.
•
Settling Time: 45 ns (2VSTEP)
For battery powered portable applications where
•
Overdrive Recovery Time: 195 ns
power is of key importance, the OPA835's and
•
SNR: 0.00015% (–116.4dBc) at 1 kHz (1 VRMS)
OPA2835's
low
power
consumption
and
high
•
THD: 0.00003% (–130 dBc) at 1 kHz (1 VRMS)
frequency performance offers designers performance
versus power not attainable in other devices. Coupled
•
HD2/HD3: –70 dBc/–73 dBc at 1 MHz (2 VPP)
with a power savings mode to reduce current to <1.5
•
Input Voltage Noise: 9.3 nV/
√Hz (f = 100 kHz)
μA, the device offers an attractive solution for high
•
Input Offset Voltage: 100 µV (500 µV max)
frequency amplifiers in battery powered applications.
•
CMRR: 113 dB
The OPA835 and OPA2835 are offered in following
•
Output Current Drive: 40 mA
package options:
•
RRO – Rail-to-Rail Output
•
OPA835 Single: SOT23-6 (DBV), and 10 pin
WQFN (RUN) with integrated gain resistors.
•
Input Voltage Range: –0.2 V to 3.9 V
•
OPA2835 Dual: SOIC-8 (D), VSSOP (MSOP) -10
(5 V supply)
(DGS), 10 pin WQFN (RUN), and 10 pin UQFN
•
Operating Temperature Range:
(RMC).
–40°C–125°C
The
OPA835
RUN
package
option
includes
integrated gain setting resistors for smallest possible
APPLICATIONS
footprint on a printed circuit board (
≈ 2mm x 2mm).
•
Low Power Signal Conditioning
By adding circuit traces on the PCB, gains of +1, -1, -
•
Audio ADC Input Buffer
1.33, +2, +2.33, -3, +4, -4, +5, -5.33, +6.33, -7, +8
and inverting attenuations of -0.1429, -0.1875, -0.25,
•
Low Power SAR and
ΔΣ ADC Driver
-0.33, -0.75 can be achieved. See Application
•
Portable Systems
Information section for details.
•
Low Power Systems
The devices are characterized for operation over the
•
High Density Systems
extended industrial temperature range –40°C to
•
Ultrasonic Flow Meter
125°C.
OPA835 Related Products
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Rail-to-Rail
—
OPA2830
—
OPA4830
Rail-to-Rail, Low
OPA836
OPA2836
—
—
Power
Rail-to-Rail, Fixed
OPA832
OPA2832
OPA3832
—
Gain
General-Purpose, High
OPA690
OPA2690
OPA3690
—
Slew Rate
Low-Noise, DC
OPA820
OPA2822
—
OPA4820
Precision
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2835ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2835ID TI1-OPA2835ID Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835ID TI1-OPA2835ID Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA2835ID TI1-OPA2835ID Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2835ID TI1-OPA2835ID Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2835ID TI2-OPA2835ID Datasheet
2Mb / 63P
OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
REVISED MARCH 2021
More results

Similar Description - OPA2835ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com