Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button SN10501DBVT Datasheet HTML 2Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 3Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 4Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 5Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 6Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 7Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 8Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 9Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 51 MHz
VO = 0.1 VPP
−0.1 dB at 49 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 301 Ω
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 14 MHz
VO = 0.1 VPP
−0.1 dB at 14 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 301 Ω
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 1.24 kΩ
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 0.1 VPP
−0.1 dB at 48 MHz
VO = 2 VPP
−0.1 dB at 58 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 1.24 kΩ
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
FIGURE
Frequency response
1– 8
Small signal frequency response
9, 10
Large signal frequency response
11
Slew rate
vs Output voltage step
12, 13
Harmonic distortion
vs Frequency
14, 15
Voltage and current noise
vs Frequency
16
Differential gain
vs Number of loads
17, 18
Differential phase
vs Number of loads
19, 20
Quiescent current
vs Supply voltage
21
Output voltage
vs Load resistance
22
Open-loop gain and phase
vs Frequency
23
Rejection ratio
vs Frequency
24
Rejection ratio
vs Case temperature
25
Common-mode rejection ratio
vs Input common-mode range
26, 27
Output impedance
vs Frequency
28, 29
Crosstalk
vs Frequency
30
Input bias and offset current
vs Case temperature
31, 32
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com