Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVT Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button SN10501DBVT Datasheet HTML 8Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 9Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 10Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 11Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 12Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 13Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 14Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 15Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
+
-
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 0 V to 1.25V
470
µF
+
-
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 0 V to 1.25V
22
µF
1.24
k
Ω
22
µF
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 1 V to 2.25 V
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
Similar performance is observed for negative video
signals. In practice, similar performance is achieved
even with three video loads as shown in Figure 37
due to the linear high-frequency output impedance of
the SN1050x. This circuit is suitable for driving video
cables, provided that the length does not exceed a
few feet. If longer cables are driven, the gain of the
SN1050x can be increased to compensate for cable
loss.
Configuring the SN1050x for single-supply video
applications is easily done, but attention must be
given to input and output bias voltages to ensure
Figure 39. AC-Coupled Output Single-Supply
Video Amplifier
proper
system
operation.
Unlike
some
video
amplifiers, the SN1050x input common-mode voltage
range does not include the negative power supply,
In some systems, the physical size and/or cost of a
but rather it is about 1-V from each power supply. For
470-
µF capacitor can be prohibitive. One way to
split supply configurations, this is very beneficial. For
circumvent this issue is to use two smaller capacitors
single-supply
systems,
there
are
some
design
in a feedback configuration as shown in Figure 40.
constraints that must be observed.
This is commonly known as SAG correction. This
circuit increases the gain of the amplifier up to 3 V/V
Figure 38 shows a single-supply video configuration
at low frequencies to counteract the increased
illustrating the dc bias voltages acceptable for the
impedance of the capacitor placed at the amplifier
SN1050x. The lower end of the input common-mode
output. One issue that must be resolved is that the
range is specified as 1 V. The upper end is limited to
gain at low frequencies is typically limited by the
4 V with the 5-V supply shown, but the output range
power-supply voltage and the output swing of the
and gain of 2 limit the highest acceptable input
amplifier. Therefore, it is possible to saturate the
voltage to 4.5 V / 2 = 2.25 V. The 4.5-V output is
amplifier at these low frequencies if full analysis is not
what is typically expected with a 150-
Ω load. It is
done on this system which includes both input and
easily seen that the input and output voltage ranges
output requirements.
are
limiting
factors
in
the
total
system.
Both
specifications must be taken into account when
designing a system.
Figure 40. AC-Coupled SAG Corrected Output
Single-Supply Video Amplifier
Figure 38. DC-Coupled Single-Supply Video
Amplifier
Many times the output of the video encoder or DAC
does not have the capability to output the 1-V to
2.25-V range, but rather a 0-V to 1.25-V range. In this
In most systems, this may be acceptable because
instance, the signal must be ac-coupled to the
most receivers are ac-coupled and set the black level
amplifier input as shown in Figure 41. Note that it
to the desired system value, typically 0 V (0-IRE).
does not matter what the voltage output of the DAC
But, to ensure full compatibility with any system, it is
is, but rather the voltage swing should be kept less
often desirable to place an ac coupling capacitor on
than 1.25 VPP.
the output as shown in Figure 39. This removes the
dc-bias voltage appearing at the amplifier output. To
minimize field tilt, the size of this capacitor is typically
470
µF, although values as small as 220 µF have
been used with acceptable results.
12
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com