Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVT Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button SN10501DBVT Datasheet HTML 3Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 4Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 5Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 6Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 7Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 8Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 9Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 10Page - National Semiconductor (TI) SN10501DBVT Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 89 MHz
VO = 0.1 VPP
−3 dB at 84 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 301Ω
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 16 MHz
VO = 0.1 VPP
−0.1 dB at 16 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 301 Ω
−2
−1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 150 Ω
RF = 1 kΩ
VO = 100 mVPP
VS = ±5 V
Gain = 2
Gain = 1
−2
−1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 499 Ω
RF = 1.5 kΩ
VO = 100 mVPP
VS = 5 V
Gain = 2
Gain = 1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
VS = 5 V
VS = ±5 V
f − Frequency − Hz
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VO = 2 VPP
VS = ±5 V
0
200
400
600
800
1000
1200
0
1
2
3
4
5
6
7
8
Rise
Fall
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VS = ±5 V
VO − Output Voltage Step − V
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Output Voltage Step − V
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VS = 5 V
Fall
Rise
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1
100
0.1
10
HD2
HD3
f − Frequency − MHz
Gain = 2
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Gain = 2
RL = 150 Ω
VO = 2 VPP
VS = 5 V
SN10501
SN10502
SN10503
www.ti.com .................................................................................................................................................. SLOS408B – MARCH 2003 – REVISED JANUARY 2009
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 7.
Figure 8.
Figure 9.
SLEW RATE
vs
FREQUENCY RESPONSE
FREQUENCY RESPONSE
OUTPUT VOLTAGE STEP
Figure 10.
Figure 11.
Figure 12.
SLEW RATE
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE STEP
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN10501 SN10502 SN10503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com