Electronic Components Datasheet Search
  English  ▼

X  

THS4150ID Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4150ID
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150ID Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4150ID Datasheet HTML 1Page - National Semiconductor (TI) THS4150ID Datasheet HTML 2Page - National Semiconductor (TI) THS4150ID Datasheet HTML 3Page - National Semiconductor (TI) THS4150ID Datasheet HTML 4Page - National Semiconductor (TI) THS4150ID Datasheet HTML 5Page - National Semiconductor (TI) THS4150ID Datasheet HTML 6Page - National Semiconductor (TI) THS4150ID Datasheet HTML 7Page - National Semiconductor (TI) THS4150ID Datasheet HTML 8Page - National Semiconductor (TI) THS4150ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
EVALUATION
TA
MSOP PowerPAD™
MSOP
MODULES
SMALL OUTLINE(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
THS4150CD
THS4150CDGN
AQB
THS4150CDGK
ATT
THS4150EVM
0°C to 70°C
THS4151CD
THS4151CDGN
AQD
THS4151CDGK
ATU
THS4151EVM
THS4150ID
THS4150IDGN
AQC
THS4150IDGK
AST
–
–40°C to 85°C
THS4151ID
THS4151IDGN
AQE
THS4151IDGK
ASU
–
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
UNIT
VCC- to
Supply voltage
±16.5 V
VCC+
VI
Input voltage
±VCC
IO
Output current(2)
150 mA
VID
Differential input voltage
±6 V
Continuous total power dissipation
See Dissipation Rating Table
Maximum junction temperature(3)
150°C
TJ
Maximum junction temperature, continuous operation, long term reliability(4)
125°C
C suffix
0°C to 70°C
TA
Operating free-air temperature
I suffix
–40°C to 85°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature (5)
HBM
2500 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS415x may incorporate a PowerPad™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See TI technical briefs SLMA002 and SLMA004 for more information about utilizing the
PowerPad™ thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
(5)
See the MSL/Reflow Rating information provided with the material, or see TI's web site at www.ti.com for the latest information.
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com