Electronic Components Datasheet Search
  English  ▼

X  

THS4150ID Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4150ID
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150ID Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4150ID Datasheet HTML 6Page - National Semiconductor (TI) THS4150ID Datasheet HTML 7Page - National Semiconductor (TI) THS4150ID Datasheet HTML 8Page - National Semiconductor (TI) THS4150ID Datasheet HTML 9Page - National Semiconductor (TI) THS4150ID Datasheet HTML 10Page - National Semiconductor (TI) THS4150ID Datasheet HTML 11Page - National Semiconductor (TI) THS4150ID Datasheet HTML 12Page - National Semiconductor (TI) THS4150ID Datasheet HTML 13Page - National Semiconductor (TI) THS4150ID Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
−110
−100
−90
−80
−70
−12
−7
−2
3
8
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V,
f = 1 MHz
VO − Output Voltage − V
10
1
10
100
1 k
f − Frequency − Hz
100
10 k
100 k
VCC = 5 V to ±15 V
−15
−10
−5
0
5
10
15
10
100
1 k
10 k
100 k
VCC = ±15 V
VCC = − ±15 V
VCC = ±5 V
VCC = − ±5 V
RL − Single-Ended Load Resistance − Ω
VOUT+
VOUT−
VOUT−
VOUT+
1
10
100
10
100
1 k
100 k
10 k
f − Frequency − Hz
VCC = 5 V to ±15 V
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
THIRD INTERMODULATION DISTORTION
VOLTAGE NOISE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 18.
Figure 19.
CURRENT NOISE
OUTPUT VOLTAGE
vs
vs
FREQUENCY
SINGLE-ENDED LOAD RESISTANCE
Figure 20.
Figure 21.
10
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com