Electronic Components Datasheet Search
  English  ▼

X  

THS4150ID Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4150ID
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150ID Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4150ID Datasheet HTML 7Page - National Semiconductor (TI) THS4150ID Datasheet HTML 8Page - National Semiconductor (TI) THS4150ID Datasheet HTML 9Page - National Semiconductor (TI) THS4150ID Datasheet HTML 10Page - National Semiconductor (TI) THS4150ID Datasheet HTML 11Page - National Semiconductor (TI) THS4150ID Datasheet HTML 12Page - National Semiconductor (TI) THS4150ID Datasheet HTML 13Page - National Semiconductor (TI) THS4150ID Datasheet HTML 14Page - National Semiconductor (TI) THS4150ID Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
VCC − Supply Voltage − ±V
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
TA = 40°C
TA = 25°C
TA = 125°C
TA = 85°C
VCC − Supply Voltage − V
−100
−60
−20
20
60
100
−12
−7
−2
3
8
VCC = 2.5 V
VCC = 5 V
VCC = 15 V
VOCM − Common-Mode Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
1 M
10 M
100 M
1 G
VCC = 5 V to ±15 V,
VI = 0.25 VRMS
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY CURRENT SHUTDOWN
OUTPUT CURRENT RANGE
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 22.
Figure 23.
SINGLE-ENDED OUTPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs
vs
COMMON-MODE OUTPUT VOLTAGE
FREQUENCY
Figure 24.
Figure 25.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com