Electronic Components Datasheet Search
  English  ▼

X  

THS4150ID Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4150ID
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150ID Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button THS4150ID Datasheet HTML 12Page - National Semiconductor (TI) THS4150ID Datasheet HTML 13Page - National Semiconductor (TI) THS4150ID Datasheet HTML 14Page - National Semiconductor (TI) THS4150ID Datasheet HTML 15Page - National Semiconductor (TI) THS4150ID Datasheet HTML 16Page - National Semiconductor (TI) THS4150ID Datasheet HTML 17Page - National Semiconductor (TI) THS4150ID Datasheet HTML 18Page - National Semiconductor (TI) THS4150ID Datasheet HTML 19Page - National Semiconductor (TI) THS4150ID Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
H
d
(f) +
K
–
f
FSF x fc
2
)
1
Q
jf
FSF x fc )
1
x
Rt
2R4 ) Rt
1 )
j2
πfR4RtC3
2R4 ) Rt
Where K +
R2
R1
FSF x fc +
1
2
π 2 x R2R3C1C2
and Q +
2 x R2R3C1C2
R3C1 ) R2C1 ) KR3C1
FSF +
Re
2 ) |Im|
2
and Q +
Re2 ) |Im|
2
2Re
FSF x fc +
1
2
πRC 2 x mn
and Q +
2 x mn
1 ) m(1 ) K)
THEORY OF OPERATION
Rf
R(g)
R(g)
Rf
_
+
Differential Amplifier
VOCM
_
+
_
+
VCC+
VIN-
VIN+
VO+
VO-
THS415x
Fully differential Amplifier
VCC-
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
The transfer function for this filter circuit is:
K sets the pass band gain, fc is the cutoff frequency for the filter, FSF is a frequency-scaling factor, and Q is the
quality factor.
where Re is the real part, and Im is the imaginary part of the complex pole pair. Setting R2 = R, R3 = mR, C1 =
C, and C2 = nC results in:
Start by determining the ratios, m and n, required for the gain and Q of the filter type being designed, then select
C and calculate R for the desired fc.
PRINCIPLES OF OPERATION
The THS415x is a fully differential amplifier. Differential amplifiers are typically differential in/single out, whereas
fully differential amplifiers are differential in/differential out.
Figure 36. Differential Amplifier Versus a Fully Differential Amplifier
To understand the THS415x fully differential amplifiers, the definition for the pinouts of the amplifier are provided.
16
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com