Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVT Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button THS4281DBVT Datasheet HTML 14Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 15Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 16Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 17Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 18Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 19Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 20Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 21Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
_
+
Rf
2.49 k
Ω
49.9
Ω
0.1
µF 6.8 µF
−VS
Rg
50-
Ω Source
+
VI
0.1
µF 6.8 µF
+
+VS
VO
2.49 k
Ω
To Load
0
4
8
12
16
20
24
0.1
1
10
100
VS = 3 V
Gain = 10,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 100 kΩ
f − Frequency − MHz
RF = 1.65 kΩ
and 10 k
Ω
0
4
8
12
16
20
24
0.1
1
10
100
VS = ±5 V
Gain = 10,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 100 kΩ
f − Frequency − MHz
RF = 2.5 kΩ
and 10 k
Ω
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
APPLICATION INFORMATION
HIGH-SPEED OPERATIONAL AMPLIFIERS
The THS4281 is a unity gain stable, rail-to-rail input
and output, voltage-feedback operational amplifier
designed to operate from a single 2.7-V to 16.5-V
power supply.
Applications Section Contents
•
Wideband, Noninverting Operation
•
Wideband, Inverting Gain Operation
•
Video Drive Circuits
•
Single-Supply Operation
•
Power-Supply
Decoupling
Techniques
and
Recommendations
•
Active Filtering with the THS4281
•
Driving Capacitive Loads
Figure 68. Wideband, Noninverting Gain
•
Board Layout
Configuration
•
Thermal Analysis
•
Additional Reference Material
•
Mechanical Package Drawings
WIDEBAND, NONINVERTING OPERATION
Figure 68 shows the noninverting gain configuration
of 2 V/V used to demonstrate the typical performance
curves.
Voltage feedback amplifiers can use a wide range of
resistors values to set their gain with minimal impact
on
frequency
response.
Larger-valued
resistors
decrease loading of the feedback network on the
output of the amplifier, but may cause peaking and
instability. For a gain of +2, feedback resistor values
between 1 k
Ω and 4 kΩ are recommended for most
applications. However, as the gain increases, the use
Figure 69. Signal Gain vs
of even higher feedback resistors can be used to
Frequency, VS = 3 V
conserve power. This is due to the inherent nature of
amplifiers
becoming
more
stable
as
the
gain
increases, at the expense of bandwidth. Figure 69
and Figure 70 show the THS4281 using feedback
resistors of 10 k
Ω and 100 kΩ. Be cautioned that
using such high values with high-speed amplifiers is
not
typically
recommended,
but
under
certain
conditions, such as high gain and good high-speed
printed circuit board (PCB) layout practices, such
resistances can be used.
Figure 70. Signal Gain vs
Frequency, VS = ±5 V
18
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com