Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVT Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button THS4281DBVT Datasheet HTML 16Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 17Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 18Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 19Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 20Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 21Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 22Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 23Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
_
+
5 V
− 5 V
2.1 kW
2.05 kW
2.2 nF
VO
RL
1 kW
VI
270 pF
1.02 kW
−80
−70
−60
−50
−40
−30
−20
−10
0
10
1k
10k
100k
1M
10M
100M
Sallen-Key
Response
MFB
Response
VS = 3 V, 5 V, ±5 V, 15 V,
VO = 100 mVPP
f − Frequency − Hz
_
+
5 V
− 5 V
2 kW
2 kW
1 nF
2.61 kW
1.5 nF
649 W
VO
RL
1 kW
VI
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
APPLICATION CIRCUITS
Active Filtering with the THS4281
High-performance active filtering with the THS4281 is
achievable due to the amplifier's good slew rate, wide
bandwidth,
and
voltage-feedback
architecture.
Several options are available for high-pass, low-pass,
bandpass, and bandstop filters of varying orders.
Filters can be quite complex and time consuming to
design. Several books and application reports are
available to help design active filters. But, to help
simplify the process and minimize the chance of
miscalculations, Texas Instruments has developed a
filter design program called FilterPro™. FilterPro is
available for download at no cost from TI's web site
Figure 74. Second-Order MFB 100-kHz
(www.ti.com).
Butterworth Filter, Gain = 2 V/V
The two most common low-pass filter circuits used
are the Sallen-Key filter and the Multiple Feedback
(MFB) – aka Rauch filter. FilterPro was used to
determine a 2-pole Butterworth response filter with a
corner (–3-dB) frequency of 100 kHz, which is shown
in Figure 73 and Figure 74. One of the advantages of
the MFB filter, a much better high-frequency rejection,
is clearly shown in the response shown in Figure 75.
This is due to the inherent R-C filter to ground being
the first elements in the design of the MFB filter. The
Sallen-Key design also has an R-C filter, but the
capacitor connects directly to the output. At very high
frequencies, where the amplifier's access loop gain is
decreasing, the ability of the amplifier to reject high
frequencies is severely reduced and allows the
high-frequency signals to pass through the system.
One other advantage of the MFB filter is the reduced
Figure 75. Second-Order 100-kHz Active Filter
sensitivity in component variation. This is important
Response
when using real-world components where capacitors
can easily have ±10% variations.
Driving Capacitive Loads
One of the most demanding, and yet common, load
conditions for an op amp is capacitive loading. Often,
the capacitive load is the input of an A/D converter,
including additional external capacitance, which may
be
recommended
to
improve
A/D
linearity.
A
high-speed, high open-loop gain amplifier like the
THS4281 can be susceptible to instability and
peaking when a capacitive load is placed directly on
the output. When the amplifier open-loop output
resistance
is
considered,
this
capacitive
load
Figure 73. Second-Order Sallen-Key 100-kHz
introduces an additional pole in the feedback path
Butterworth Filter, Gain = 2 V/V
that decreases the phase margin. When the primary
considerations
are
frequency
response
flatness,
pulse response fidelity, or distortion, a simple and
effective solution is to isolate the capacitive load from
the feedback loop by inserting a small series isolation
resistor (for example, R(ISO) = 100 Ω for CLOAD = 10
pF to R(ISO) = 10 Ω for CLOAD = 1000 pF) between the
amplifier output and the capacitive load.
20
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com