Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVT Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4281DBVT Datasheet HTML 8Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 9Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 10Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 11Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 12Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 13Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 14Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 15Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
−4
12
16
20
24
0.1
1
10
100
0
4
8
f − Frequency − MHz
VS = 5 V,
RF = 2 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
G = 10
G = 5
G = 2
G = −1
−4
0
4
8
12
16
20
24
0.1
1
10
100
f − Frequency − MHz
VS = ±5 V,
RF = 2.49 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
G = 10
G = 5
G = 2
G = −1
−4
0
4
8
12
16
20
24
0.1
1
10
100
f − Frequency − MHz
VS = 15 V,
RF = 2.49 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
G = 10
G = 5
G = 2
G = −1
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1
10
100
Gain = 1,
RF = 34 Ω,
RL = 1 kΩ,
VS = 5 V
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
f − Frequency − MHz
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1
10
100
Gain = 1,
RF = 34 Ω,
RL = 1 kΩ,
VS = ± 5 V
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
f − Frequency − MHz
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1
10
100
Gain = 1,
RF = 34 Ω,
RL = 1 kΩ,
VS = 2.7 V
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
f − Frequency − MHz
−10
10
20
30
40
50
60
70
80
90
100
110
1
10
100
1k
10k 100k 1 M 10 M 100 M
−250
−225
−200
−175
−150
−125
−100
−75
−50
−25
0
25
50
0
f − Frequency − Hz
RL = 1 kΩ,
VS = ±5 V
Gain
Phase
0
10
20
30
40
50
60
70
80
90
100
110
1 k
10 k
100 k
1 M
10 M
100 M
CMRR
VS = 15 V and 5 V
f − Frequency − Hz
PSRR−
PSRR+
0.01
0.1
1
10
100
1000
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 1
RF = 2.5 kΩ
VS = 5 V, ± 5 V, 15 V
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(VS = 5 V)
(VS = ±5 V)
(VS = 15 V)
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 19.
Figure 20.
Figure 21.
(VS = 2.7 V)
(VS = 5 V)
(VS = ±5 V)
LARGE-SIGNAL
LARGE-SIGNAL
LARGE-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 22.
Figure 23.
Figure 24.
OPEN-LOOP GAIN
OUTPUT IMPEDANCE
REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 25.
Figure 26.
Figure 27.
12
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com