Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVT Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4281DBVT Datasheet HTML 15Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 16Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 17Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 18Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 19Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 20Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 21Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 22Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
_
+
Rg
2.49 k
Ω
RT
1.24 k
Ω
0.1
µF
6.8
µF
−VS
50-
Ω Source
+
VI
0.1
µF
6.8
µF
+
+VS
VO
CT
0.1
µF
Rf
2.49 k
Ω
RM
51.1
Ω
To Load
_
+
49.9
Ω
50-
Ω Source
VI
+VS
VO
Rf
2 k
Ω
Rg
2 k
Ω
+VS
2
+VS
2
_
+
2 k
Ω
50-
Ω Source
VI
VS
VO
Rf
2 k
Ω
51.1
Ω
Rg
RT
RT
+VS
2
+VS
2
To Load
To Load
RT
CT
Power Supply Bypassing
Not Shown For Simplicity
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
WIDEBAND, INVERTING OPERATION
Another consideration in inverting amplifier design is
setting the bias current cancellation resistor (RT) on
Figure 71 shows a typical inverting configuration
the noninverting input. If the resistance is set equal to
where the input and output impedances and noise
the total dc resistance presented to the device at the
gain from Figure 68 are retained with an inverting
inverting terminal, the output dc error (due to the
circuit gain of –1 V/V.
input bias currents) is reduced to the input offset
current multiplied by RT. In Figure 71, the dc source
impedance presented at the inverting terminal is 2.49
k
Ω || (2.49 kΩ + 25.3 Ω) ≈ 1.24 kΩ. To reduce the
additional high-frequency noise introduced by the
resistor at the noninverting input, RT is bypassed with
a 0.1-
μF capacitor to ground (CT).
SINGLE-SUPPLY OPERATION
The THS4281 is designed to operate from a single
2.7-V to 16.5-V power supply. When operating from a
single power supply, care must be taken to ensure
the input signal and amplifier are biased appropriately
to allow for the maximum output voltage swing and
not violate VICR. The circuits shown in Figure 72
shows
inverting
and
noninverting
amplifiers
configured for single-supply operation.
Figure 71. Wideband, Inverting Gain
Configuration
In the inverting configuration, some key design
considerations must be noted. One is that the gain
resistor (Rg) becomes part of the signal channel input
impedance. If the input impedance matching is
desired (which is beneficial whenever the signal is
coupled through a cable, twisted pair, long PCB
trace, or other transmission line conductors), Rg may
be set equal to the required termination value and Rf
adjusted to give the desired gain. However, care
must be taken when dealing with low inverting gains,
as the resulting feedback resistor value can present a
significant load to the amplifier output. For example,
an inverting gain of 2, setting Rg to 49.9 Ω for input
matching, eliminates the need for RM but requires a
100-
Ω
feedback
resistor.
The
100-
Ω
feedback
resistor, in parallel with the external load, causes
excessive
loading
on
the
amplifier
output.
To
eliminate this excessive loading, it is preferable to
increase both Rg and Rf values, as shown in
Figure 71, and then achieve the input matching
Figure 72. DC-Coupled Single Supply Operation
impedance with a third resistor (RM) to ground. The
total input impedance is the parallel combination of
Rg and RM.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com