Electronic Components Datasheet Search
  English  ▼

X  

THS4501ID Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501ID
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501ID Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4501ID Datasheet HTML 4Page - National Semiconductor (TI) THS4501ID Datasheet HTML 5Page - National Semiconductor (TI) THS4501ID Datasheet HTML 6Page - National Semiconductor (TI) THS4501ID Datasheet HTML 7Page - National Semiconductor (TI) THS4501ID Datasheet HTML 8Page - National Semiconductor (TI) THS4501ID Datasheet HTML 9Page - National Semiconductor (TI) THS4501ID Datasheet HTML 10Page - National Semiconductor (TI) THS4501ID Datasheet HTML 11Page - National Semiconductor (TI) THS4501ID Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs (
±5 V)
FIGURE
Small-signal unity-gain frequency response
1
Small-signal frequency response
2
0.1-dB gain flatness frequency response
3
Large-signal frequency response
4
Harmonic distortion (single-ended input to differential output)
vs Frequency
5, 7, 13, 15
Harmonic distortion (differential input to differential output)
vs Frequency
6, 8, 14, 16
Harmonic distortion (single-ended input to differential output)
vs Output voltage swing
9, 11, 17, 19
Harmonic distortion (differential input to differential output)
vs Output voltage swing
10, 12, 18, 20
Harmonic distortion (single-ended input to differential output)
vs Load resistance
21
Harmonic distortion (differential input to differential output)
vs Load resistance
22
Third-order intermodulation distortion
vs Frequency
23
(single-ended input to differential output)
Third-order output intercept point
vs Frequency
24
Slew rate
vs Differential output voltage step
25
Settling time
26, 27
Large-signal transient response
28
Small-signal transient response
29
Overdrive recovery
30, 31
Voltage and current noise
vs Frequency
32
Rejection ratios
vs Frequency
33
Rejection ratios
vs Case temperature
34
Output balance error
vs Frequency
35
Open-loop gain and phase
vs Frequency
36
Open-loop gain
vs Case temperature
37
Input bias offset current
vs Case temperature
38
Quiescent current
vs Supply voltage
39
Input offset voltage
vs Case temperature
40
Common-mode rejection ratio
vs Input common-mode range
41
Output drive
vs Case temperature
42
Harmonic distortion
vs Output common-mode voltage
43
(single-ended and differential input to differential output)
Small-signal frequency response at VOCM
44
Output offset voltage at VOCM
vs Output common-mode voltage
45
Quiescent current
vs Power-down voltage
46
Turn-on and turn-off delay times
47
Single-ended output impedance in power-down
vs Frequency
48
vs Case temperature
49
Power-down quiescent current
vs Supply voltage
50
8
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com