Electronic Components Datasheet Search
  English  ▼

X  

THS4501ID Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501ID
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501ID Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button THS4501ID Datasheet HTML 12Page - National Semiconductor (TI) THS4501ID Datasheet HTML 13Page - National Semiconductor (TI) THS4501ID Datasheet HTML 14Page - National Semiconductor (TI) THS4501ID Datasheet HTML 15Page - National Semiconductor (TI) THS4501ID Datasheet HTML 16Page - National Semiconductor (TI) THS4501ID Datasheet HTML 17Page - National Semiconductor (TI) THS4501ID Datasheet HTML 18Page - National Semiconductor (TI) THS4501ID Datasheet HTML 19Page - National Semiconductor (TI) THS4501ID Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
−4
−3
−2
−1
0
1
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN = −20 dBm
VS = 5 V
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.2
1
10
100
1000
Rf = 392 Ω
Rf = 499 Ω
f − Frequency − MHz
Gain = 1
RL = 800 Ω
PIN = −20 dBm
VS = 5 V
0.1
−2
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 10, Rf = 5.1 kΩ
Gain = 5, Rf = 2.4 kΩ
Gain = 2, Rf = 1 kΩ
RL = 800 Ω
PIN = −30 dBm
VS = 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VO = 1 VPP
VS = 5 V
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN = 10 dBm
VS = 5 V
−4
−3
−2
−1
0
1
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VO = 1 VPP
VS = 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VO = 2 VPP
VS = 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VO = 2 VPP
VS = 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
f= 8 MHz
VS = 5 V
0.5
1
1.5
2
2.5
3
0
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: 5 V
SMALL-SIGNAL UNITY-GAIN
SMALL-SIGNAL FREQUENCY
0.1-dB GAIN FLATNESS
FREQUENCY RESPONSE
RESPONSE
FREQUENCY RESPONSE
Figure 51.
Figure 52.
Figure 53.
HARMONIC DISTORTION
HARMONIC DISTORTION
LARGE-SIGNAL FREQUENCY
vs
vs
RESPONSE
FREQUENCY
FREQUENCY
Figure 54.
Figure 55.
Figure 56.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 57.
Figure 58.
Figure 59.
16
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com