Electronic Components Datasheet Search
  English  ▼

X  

THS4501ID Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501ID
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501ID Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4501ID Datasheet HTML 1Page - National Semiconductor (TI) THS4501ID Datasheet HTML 2Page - National Semiconductor (TI) THS4501ID Datasheet HTML 3Page - National Semiconductor (TI) THS4501ID Datasheet HTML 4Page - National Semiconductor (TI) THS4501ID Datasheet HTML 5Page - National Semiconductor (TI) THS4501ID Datasheet HTML 6Page - National Semiconductor (TI) THS4501ID Datasheet HTML 7Page - National Semiconductor (TI) THS4501ID Datasheet HTML 8Page - National Semiconductor (TI) THS4501ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DGK-8
DGN-8
D-8
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
APPLICATION CIRCUIT DIAGRAM
f − Frequency − MHz
−80
−92
10
20
40
60
−74
THIRD-ORDER INTERMODULATION
DISTORTION
−62
80
100
−68
−86
−98
12
10
14
16
VS
392
Ω
+
−
−
+
800
Ω
VS+
VOUT
392
Ω
402
Ω
56.2
Ω
50
Ω
374
Ω
VOCM
2.5 V
VS−
30
50
70
90
VS = 5 V
VS = ±5 V
−
+
−
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
392
Ω
10 pF
1
µF
56.2
Ω
ADC
374
Ω
50
Ω
402
Ω
392
Ω
10 pF
24.9
Ω
24.9
Ω
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Check for Samples: THS4500, THS4501
1
FEATURES
APPLICATIONS
23
•
Fully Differential Architecture
•
High Linearity Analog-to-Digital Converter
Preamplifier
•
Bandwidth: 370 MHz
•
Wireless Communication Receiver Chains
•
Slew Rate: 2800 V/
μs
•
Single-Ended to Differential Conversion
•
IMD3: –90 dBc at 30 MHz
•
Differential Line Driver
•
OIP3: 49 dBm at 30 MHz
•
Active Filtering of Differential Signals
•
Output Common-Mode Control
•
Wide Power-Supply Voltage Range: 5 V,
±5 V,
12 V, 15 V
•
Input Common-Mode Range Shifted to Include
Negative Power-Supply Rail
•
Power-Down Capability (THS4500)
•
Evaluation Module Available
DESCRIPTION
RELATED DEVICES
DEVICE(1)
DESCRIPTION
The THS4500 and THS4501 are high-performance
fully differential amplifiers from Texas Instruments.
THS4500/1
370 MHz, 2800 V/
μs, VICR Includes VS–
The THS4500, featuring power-down capability, and
THS4502/3
370 MHz, 2800 V/
μs, Centered VICR
the THS4501, without power-down capability, set new
THS4120/1
3.3 V, 100 MHz, 43 V/
μs, 3.7 nV/√Hz
performance standards for fully differential amplifiers
THS4130/1
±15 V, 150 MHz, 51 V/μs, 1.3 nV/√Hz
with
unsurpassed
linearity,
supporting
14-bit
THS4140/1
±15 V, 160 MHz, 450 V/μs, 6.5 nV/√Hz
operation through 40 MHz. Package options include
the SOIC-8 and the MSOP-8 with PowerPAD
™ for a
THS4150/1
±15 V, 150 MHz, 650 V/μs, 7.6 nV/√Hz
smaller footprint, enhanced ac performance, and
improved thermal dissipation capability.
(1)
Even-numbered devices feature power-down capability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2002–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4501ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4501ID TI-THS4501ID Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4501ID TI1-THS4501ID Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4501IDG4 TI1-THS4501IDG4 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4501IDGK TI-THS4501IDGK Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4501IDGK TI1-THS4501IDGK Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4501ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com