Electronic Components Datasheet Search
  English  ▼

X  

THS4501ID Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501ID
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501ID Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4501ID Datasheet HTML 9Page - National Semiconductor (TI) THS4501ID Datasheet HTML 10Page - National Semiconductor (TI) THS4501ID Datasheet HTML 11Page - National Semiconductor (TI) THS4501ID Datasheet HTML 12Page - National Semiconductor (TI) THS4501ID Datasheet HTML 13Page - National Semiconductor (TI) THS4501ID Datasheet HTML 14Page - National Semiconductor (TI) THS4501ID Datasheet HTML 15Page - National Semiconductor (TI) THS4501ID Datasheet HTML 16Page - National Semiconductor (TI) THS4501ID Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
t − Time −
µs
0
−1
−4
0
0.1 0.2 0.3 0.4 0.5 0.6
1
2
4
0.7 0.8 0.9
1
3
−3
−5
−2
5
0
−0.5
−2
0.5
1
2
1.5
−1.5
−2.5
−1
2.5
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 4.5 V
VS = ±5 V
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = ±5 V
−150
−100
−50
0
50
100
150
200
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = ±5 V
Source
Sink
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
1000
10 k
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
f − Frequency − MHz
PIN = 10 dBm
RL = 800 Ω
Rf = 392 Ω
VS = ±5 V
0
20
40
60
80
100
120
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
CMMR
RL = 800 Ω
VS = ±5 V
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
VS = ±5 V
Gain
Phase
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS:
±5 V (continued)
LARGE-SIGNAL TRANSIENT
SMALL-SIGNAL TRANSIENT
RESPONSE
RESPONSE
OVERDRIVE RECOVERY
Figure 28.
Figure 29.
Figure 30.
VOLTAGE AND CURRENT NOISE
REJECTION RATIOS
vs
vs
OVERDRIVE RECOVERY
FREQUENCY
FREQUENCY
Figure 31.
Figure 32.
Figure 33.
REJECTION RATIOS
OUTPUT BALANCE ERROR
OPEN-LOOP GAIN AND PHASE
vs
vs
vs
CASE TEMPERATURE
FREQUENCY
FREQUENCY
Figure 34.
Figure 35.
Figure 36.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com