Electronic Components Datasheet Search
  English  ▼

X  

122425 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 122425 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 15Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Teflon/Captured
122238
02 Nickel
Teflon
50
A
122240
04 Nickel
Teflon
50
A
122241
04 Nickel
Teflon
75
A
Remark: 5.0 [.197] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
PANEL CRIMP JACK — PLENUM CABLE
Teflon/Captured
122230
01 Nickel
Teflon
50
A
122232
03 Nickel
Teflon
50
A
122233
03 Nickel
Teflon
75
A
122374 01A Nickel
Teflon
50
A
Delrin/Noncaptured
122234
01 Nickel
Delrin
50
A
122236
03 Nickel
Delrin
50
A
122237
03 Nickel
Delrin
75
A
Remark: 5.0 [.197] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
PANEL CRIMP JACK — STANDARD CABLE
122246
05 Nickel
Delrin
50
B
122379 05A Nickel
Delrin
50
B
122247
06 Nickel
Delrin
75
B
122442
14 Nickel
Delrin
50
B
122460
16 Nickel
Delrin
75
B
Remark: With teflon sleeve, Hex. crimp size .178",
5.0 [.197] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
PANEL CRIMP JACK — MINIATURE CABLE
122419 10 Nickel/Gold Teflon
50
N/A
122389 11 Nickel/Gold Teflon
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
PANEL SOLDER JACK — SEMI-RIGID CABLE
PANEL JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE/RECEPTACLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
106
For Cable Group Legend, see page 97
TNC.4
11/27/01
4:55 PM
Page 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com