Electronic Components Datasheet Search
  English  ▼

X  

122425 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 122425 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 15Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 16Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 17Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 18Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 19Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 20Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 21Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
L = 3.2 [.126] panel thickness, L = 26.7 [1.05]
122332 N/A Nickel
Delrin
50
N/A
122333 N/A Nickel
Delrin
75
N/A
L = 6.5 [.256] panel thickness, L = 30.0 [1.18]
122334 N/A Nickel
Delrin
50
N/A
122335 N/A Nickel
Delrin
75
N/A
L1 = 9.5 [.374] panel thickness, L = 33.0 [1.30]
122336 N/A Nickel
Delrin
50
N/A
122337 N/A Nickel
Delrin
75
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD RECEPTACLE JACK
122330 N/A Nickel
Delrin
50
N/A
122331 N/A Nickel
Delrin
75
N/A
Remark: 4.5 [.177] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD RECEPTACLE PLUG
122338 N/A Nickel
Nylon
50
N/A
122339 N/A Nickel
Nylon
75
N/A
Remark: Isolated from ground,
3.2 [.126] Max.panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD RECEPTACLE ISOLATED JACK
BULKHEAD RECEPTACLE/SOLDER POT TERMINALS
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
112
For Cable Group Legend, see page 97
122462 N/A Nickel
Teflon
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE PCB MOUNT RECEPTACLE — METAL BODY
TNC.4
11/27/01
4:55 PM
Page 112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com