Electronic Components Datasheet Search
  English  ▼

X  

122425 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 122425 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 15Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 16Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 17Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
122282
01 Nickel
Delrin
50
N/A
122284
03 Nickel
Delrin
50
N/A
122285
03 Nickel
Delrin
75
N/A
122402
05 Nickel
Delrin
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CLAMP PLUG
122274
01 Nickel
Delrin
50
N/A
122276
03 Nickel
Delrin
50
N/A
122277
03 Nickel
Delrin
75
N/A
122278
02 Nickel
Delrin
50
N/A
122280
04 Nickel
Delrin
50
N/A
122281
04 Nickel
Delrin
75
N/A
122381
07 Nickel
Teflon
50
N/A
122397 07C Nickel
Teflon
50
N/A
Remark: Barrel O.D., 12.5 mm
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CLAMP PLUG — CAPTIVE CONTACT
122286
01 Nickel
Delrin
50
N/A
122288
03 Nickel
Delrin
50
N/A
122289
03 Nickel
Delrin
75
N/A
122290
02 Nickel
Delrin
50
N/A
122292
04 Nickel
Delrin
50
N/A
122293
04 Nickel
Delrin
75
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE CLAMP PLUG
122294
01 Nickel
Teflon
50
N/A
122296
03 Nickel
Teflon
50
N/A
122297
03 Nickel
Teflon
75
N/A
122298
02 Nickel
Teflon
50
N/A
122300
04 Nickel
Teflon
50
N/A
122301
04 Nickel
Teflon
75
N/A
122446
07 Nickel
Teflon
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CLAMP JACK — CAPTIVE CONTACT
CLAMP ATTACHMENTS FOR FLEXIBLE CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
108
For Cable Group Legend, see page 97
TNC.4
11/27/01
4:55 PM
Page 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com