Electronic Components Datasheet Search
  English  ▼

X  

122425 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 122425 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 15Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 16Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 17Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 18Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 19Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 20Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
High Profile, 15.88 mm White
122322 N/A Nickel Polypropylene
50
N/A
122323 N/A Nickel Polypropylene
75
N/A
High Profile, 15.88 mm Black
122324 N/A Nickel Polypropylene
50
N/A
122325 N/A Nickel Polypropylene
75
N/A
122384 N/A Nickel Diecast body
50
N/A
Low Profile, 13.1 mm White
122326 N/A Nickel Polypropylene
50
N/A
122327 N/A Nickel Polypropylene
75
N/A
Low Profile, 13.1 mm Black
122328 N/A Nickel Polypropylene
50
N/A
122329 N/A Nickel Polypropylene
75
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
COMMERCIAL RIGHT ANGLE PCB MOUNT JACK
White Housing
122318 N/A Nickel Polypropylene
50
N/A
122319 N/A Nickel Polypropylene
75
N/A
Black Housing
122320 N/A Nickel Polypropylene
50
N/A
122321 N/A Nickel Polypropylene
75
N/A
122383 N/A Nickel Diecast body
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
COMMERCIAL STRAIGHT PCB MOUNT JACK
122440 N/A Nickel
Teflon
50
N/A
122439 N/A Nickel
Teflon
75
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT PCB MOUNT RECEPTACLE JACK
111
PRINTED CIRCUIT BOARD/STRAIGHT R/A TERMINALS
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
Mounting Hole Dia. see “TYPE G” page 185
Mounting Hole Dia. see “TYPE H” page 185
122368 N/A Nickel
Teflon
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE BULKHEAD RECEPTACLE
TNC.4
11/27/01
4:55 PM
Page 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com