Electronic Components Datasheet Search
  English  ▼

X  

THS4121 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4121
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4121 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4121 Datasheet HTML 1Page - National Semiconductor (TI) THS4121 Datasheet HTML 2Page - National Semiconductor (TI) THS4121 Datasheet HTML 3Page - National Semiconductor (TI) THS4121 Datasheet HTML 4Page - National Semiconductor (TI) THS4121 Datasheet HTML 5Page - National Semiconductor (TI) THS4121 Datasheet HTML 6Page - National Semiconductor (TI) THS4121 Datasheet HTML 7Page - National Semiconductor (TI) THS4121 Datasheet HTML 8Page - National Semiconductor (TI) THS4121 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES
EVALUATION
TA
MSOP PowerPAD™
MSOP
MODULES
SMALL OUTLINE(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
THS4120CD
THS4120CDGN
ARL
THS4120CDGK
ATZ
THS4120EVM
0
°C to 70°C
THS4121CD
THS4121CDGN
ASB
THS4121CDGK
ATO
THS4121EVM
THS4120ID
THS4120IDGN
ARM
THS4120IDGK
ARN
–
–40
°C to 85°C
THS4121ID
THS4121IDGN
ASC
THS4121IDGK
ASN
–
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Supply voltage, GND to VDD
3.6 V
VI
Input voltage
±V
DD
IO
Output current (sink) (2)
110 mA
VID
Differential input voltage
±V
DD
Continuous total power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature(3)
150
°C
TJ
Maximum junction temperature, continuous operation, long-term reliability(4)
125
°C
C suffix
0
°C to 70°C
TA
Operating free-air temperature
I suffix
–40
°C to 85°C
Tstg
Storage Temperature
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
300
°C
HBM
4000 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS412x may incorporate a PowerPad™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPad™ thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
PACKAGE
θ
JA
(1) (
°C/W)
θ
JC (°C/W)
TA = 25°C
TA = 85°C
D
97.5
38.3
1.02 W
410 mW
DGN
58.4
4.7
1.71 W
685 mW
DGK
260
54.2
385 mW
154 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion
starts to substantially increase. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance and long-term reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com