Electronic Components Datasheet Search
  English  ▼

X  

THS4121 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4121
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4121 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4121 Datasheet HTML 1Page - National Semiconductor (TI) THS4121 Datasheet HTML 2Page - National Semiconductor (TI) THS4121 Datasheet HTML 3Page - National Semiconductor (TI) THS4121 Datasheet HTML 4Page - National Semiconductor (TI) THS4121 Datasheet HTML 5Page - National Semiconductor (TI) THS4121 Datasheet HTML 6Page - National Semiconductor (TI) THS4121 Datasheet HTML 7Page - National Semiconductor (TI) THS4121 Datasheet HTML 8Page - National Semiconductor (TI) THS4121 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
−1.5
−1
−0.5
0
0.5
1
1.5
0
20
40
60
80
t − Time − ns
VDD = 3.3 V,
VO = 2 VPP,
TA= 25°C
G = 1
RL = 800 Ω
Rising Edge
Falling Edge
−4
−2
−1
0
1
2
100 k
1M
10 M
100 M
1G
G = 1
VI = 22.5 mVRMS
VDD = 3.3 V
Rf = 270 Ω
Rf = 200 Ω
f − Frequency − Hz
Rf = 390 Ω
Rf = 150 Ω
−3
VO − Output Voltage − V
−90
−80
−70
−60
−50
0
1
2
3
4
5
VDD = 3.3 V,
f = 1 MHz
Rf = 200 Ω,
RL = 800 Ω
Differential Input /
Differential Output
Single Input /
Differential Output
−80
−70
−60
−50
−40
−30
−20
100 k
1 M
10 M
f − Frequency − Hz
Differential Input/
Differential Output
Single−Ended Input /
Differential Output
VDD = 3.3 V,
VO = 4 VPP
Rf = 200 Ω,
RL = 800 Ω
G = 1
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
FIGURE
zo
Single-ended (VOCM) input impedance
vs Frequency
17
SMALL-SIGNAL FREQUENCY RESPONSE
SLEW RATE
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 3.
Figure 4.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com