Electronic Components Datasheet Search
  English  ▼

X  

THS4121 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4121
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4121 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4121 Datasheet HTML 4Page - National Semiconductor (TI) THS4121 Datasheet HTML 5Page - National Semiconductor (TI) THS4121 Datasheet HTML 6Page - National Semiconductor (TI) THS4121 Datasheet HTML 7Page - National Semiconductor (TI) THS4121 Datasheet HTML 8Page - National Semiconductor (TI) THS4121 Datasheet HTML 9Page - National Semiconductor (TI) THS4121 Datasheet HTML 10Page - National Semiconductor (TI) THS4121 Datasheet HTML 11Page - National Semiconductor (TI) THS4121 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
1
10
100
f − Frequency − Hz
1 k
10 k
0
20
40
60
80
100
120
140
100 k
−0.4
−0.3
−0.2
−0.1
0
0.1
− Common-Mode Input Voltage − V
VIC
0
0.5
1
1.5
2
2.5
3
100 k
1 M
f − Frequency − Hz
10 M
100 M
VDD = 3.3 V,
Rf = 1 kΩ,
RL = 800 Ω,
G = 1
−110
−100
−90
−80
−70
−60
−50
1
10
100
1000
100 k
1 M
10 M
100 M
f − Frequency − Hz
VDD = 3.3 V,
VI = 5 dBm
G = 1
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
VOLTAGE NOISE
OUTPUT OFFSETE VOLTAGE
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 13.
Figure 14.
THS4121
THS4121
COMMON-MODE REJECTION RATIO
SINGLE-ENDED OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com