Electronic Components Datasheet Search
  English  ▼

X  

THS4121 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4121
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4121 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4121 Datasheet HTML 8Page - National Semiconductor (TI) THS4121 Datasheet HTML 9Page - National Semiconductor (TI) THS4121 Datasheet HTML 10Page - National Semiconductor (TI) THS4121 Datasheet HTML 11Page - National Semiconductor (TI) THS4121 Datasheet HTML 12Page - National Semiconductor (TI) THS4121 Datasheet HTML 13Page - National Semiconductor (TI) THS4121 Datasheet HTML 14Page - National Semiconductor (TI) THS4121 Datasheet HTML 15Page - National Semiconductor (TI) THS4121 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
DRIVING A CAPACITIVE LOAD
THS412x
Output
Output
20
Ω
20
Ω
R(g)
R(g)
Rf
Rf
ACTIVE ANTIALIAS FILTERING
VIN-
VIN+
+
-
+
-
VOCM
VOCM
VIN-
VIN+
VSS
THS412x
C3
C3
R4
R(t)
R2
R4
C1
VDD
C1
R2
R3
R3
C2
R1
R1
Vs
VIC
VDD
DVDD
AVDD
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
APPLICATION INFORMATION (continued)
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS412x has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output decreases the device's phase margin leading to high-frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 21. A minimum value of 20
Ω should work well for most applications. For
example, in 50-
Ω transmission systems, setting the series resistor value to 50 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 21. Driving a Capacitive Load
For signal conditioning in ADC applications, it is important to limit the input frequency to the ADC. Low-pass
filters can prevent the aliasing of the high-frequency noise with the frequency of operation. Figure 22 presents a
method by which the noise may be filtered in the THS412x. Proper ground referencing should be considered.
Figure 22. Antialias Filtering
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com