Electronic Components Datasheet Search
  English  ▼

X  

THS4502 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502
Description  Wideband, Low-Distortion Fully Differential Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4502 Datasheet HTML 1Page - National Semiconductor (TI) THS4502 Datasheet HTML 2Page - National Semiconductor (TI) THS4502 Datasheet HTML 3Page - National Semiconductor (TI) THS4502 Datasheet HTML 4Page - National Semiconductor (TI) THS4502 Datasheet HTML 5Page - National Semiconductor (TI) THS4502 Datasheet HTML 6Page - National Semiconductor (TI) THS4502 Datasheet HTML 7Page - National Semiconductor (TI) THS4502 Datasheet HTML 8Page - National Semiconductor (TI) THS4502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
APPLICATION CIRCUIT DIAGRAM
f - Frequency - MHz
-80
-92
0
20
40
60
-74
THIRD-ORDER INTERMODULATION
DISTORTION
-62
80
100
-68
-86
-98
12
10
14
16
VS
392
Ω
+
-
-
+
800
Ω
5 V
-5 V
VOUT
392
Ω
402
Ω
56.2
Ω
50
Ω
374
Ω
VOCM
2.5 V
-
+
-
+
VOCM
14 Bit/80 MSps
IN
IN
5 V
Vref
5 V
-5 V
VS
0.1
µF 10 µF
0.1
µF 10 µF
THS4502
392
Ω
10 pF
1
µF
56.2
Ω
ADC
374
Ω
50
Ω
402
Ω
392
Ω
10 pF
24.9
Ω
24.9
Ω
THS4503
(TOP VIEW)
V
IN-
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
PD
D, DGN, DGK
THS4502
(TOP VIEW)
D, DGN, DGK
V
IN-
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
NC
THS4502
THS4503
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
ORDERABLE PACKAGE AND NUMBER
PLASTIC MSOP(1)
TEMPERATURE
PLASTIC SMALL OUTLINE
PLASTIC MSOP
PowerPAD
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
THS4502CD
THS4502CDGN
BCG
THS4502CDGK
ATX
0
°C to 70°C
THS4503CD
THS4503CDGN
BCK
THS4503CDGK
ATY
THS4502ID
THS4502IDGN
BCI
THS4502IDGK
ASX
-40
°C to 85°C
THS4503ID
THS4503IDGN
BCL
THS4503IDGK
ASY
(1)
All packages are available taped and reeled. The R suffix standard quatity is 2500. The T suffix standard quantity is 250 (e.g.,
THS4502DT).
PIN ASSIGNMENTS
2
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4502 THS4503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com