Electronic Components Datasheet Search
  English  ▼

X  

THS4502 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502
Description  Wideband, Low-Distortion Fully Differential Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4502 Datasheet HTML 8Page - National Semiconductor (TI) THS4502 Datasheet HTML 9Page - National Semiconductor (TI) THS4502 Datasheet HTML 10Page - National Semiconductor (TI) THS4502 Datasheet HTML 11Page - National Semiconductor (TI) THS4502 Datasheet HTML 12Page - National Semiconductor (TI) THS4502 Datasheet HTML 13Page - National Semiconductor (TI) THS4502 Datasheet HTML 14Page - National Semiconductor (TI) THS4502 Datasheet HTML 15Page - National Semiconductor (TI) THS4502 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO - Output Voltage Swing - V
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 8 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL - Load Resistance - Ω
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL - Load Resistance - Ω
Differential Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = ±5 V
0
500
1000
1500
2000
2500
3000
0
0.5
1
1.5
2
2.5
3
3.5
4
VO - Differential Output Voltage Step - V
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE STEP
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 8 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
10
100
THIRD-ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
VS = ±5 V
Tone Spacing = 200 kHz
40
30
20
15
0
10 20 30
40 50
60
50
55
f - Frequency - MHz
THIRD-ORDER OUTPUT INTERCEPT
POINT
vs
FREQUENCY
60
70 80
90 100
45
35
25
Normalized to 200
Ω
Gain = 1
Rf = 392 Ω
VS = ± 5 V
Tone Spacing = 200 kHz
OIP3 RL= 800 Ω
Normalized to 50
Ω
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
t - Time - ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
5
10
15
20
t - Time - ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
-3
-2
-1
0
1
2
3
-100
0
100
200
300
400
500
t - Time - ns
LARGE-SIGNAL TRANSIENT RESPONSE
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
THS4502
THS4503
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (
±5 V Graphs) (continued)
Figure 19.
Figure 20.
Figure 21.
Figure 22.
Figure 23.
Figure 24.
Figure 25.
Figure 26.
Figure 27.
12
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4502 THS4503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com