Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4520 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4520 Datasheet HTML 1Page - National Semiconductor (TI) THS4520 Datasheet HTML 2Page - National Semiconductor (TI) THS4520 Datasheet HTML 3Page - National Semiconductor (TI) THS4520 Datasheet HTML 4Page - National Semiconductor (TI) THS4520 Datasheet HTML 5Page - National Semiconductor (TI) THS4520 Datasheet HTML 6Page - National Semiconductor (TI) THS4520 Datasheet HTML 7Page - National Semiconductor (TI) THS4520 Datasheet HTML 8Page - National Semiconductor (TI) THS4520 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE PER PACKAGE
THS4520
SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
over operating free-air temperature range (unless otherwise noted)
UNIT
VS– to VS+
Supply voltage
6 V
VI
Input voltage
±V
S
VID
Differential input voltage
4 V
IO
Output current(1)
200 mA
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature
150
°C
TJ
Maximum junction temperature, continuous operation, long term reliability
125
°C
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
2000
ESD ratings
CDM
1500
MM
100
(1)
The THS4520 incorporates a (QFN) exposed thermal pad on the underside of the chip. See TI technical brief SLMA002 and SLMA004
for more information about utilizing the QFN thermally enhanced package.
POWER RATING
PACKAGE(1)
θJC
θJA
TA ≤ 25°C
TA = 85°C
RGT (16)
2.4
°C/W
39.5
°C/W
2.3 W
225 mW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com