Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4520 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4520 Datasheet HTML 17Page - National Semiconductor (TI) THS4520 Datasheet HTML 18Page - National Semiconductor (TI) THS4520 Datasheet HTML 19Page - National Semiconductor (TI) THS4520 Datasheet HTML 20Page - National Semiconductor (TI) THS4520 Datasheet HTML 21Page - National Semiconductor (TI) THS4520 Datasheet HTML 22Page - National Semiconductor (TI) THS4520 Datasheet HTML 23Page - National Semiconductor (TI) THS4520 Datasheet HTML 24Page - National Semiconductor (TI) THS4520 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATIONS
Differential Input to Differential Output Amplifier
VS
Single-Ended
Input
VS
RF
RF
RG
RG
THS4520
Differential
Output
V
OUT+
V
OUT–
+
–
–
+
Input Common-Mode Voltage Range
R
F
V
OUT+
V
OUT–
V
S+
V
IN–
V
S–
R
F
R
G
R
G
V
IN+
THS4520
Differential
Input
Differential
Output
+
–
–
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
=
-
+
F
G
F
IN
F
G
G
OUT
IC
R
R
R
V
R
R
R
V
V
(1)
Single-Ended
Input
to
Differential
Output
Setting the Output Common-Mode Voltage
THS4520
SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007
The following circuits show application information
for the THS4520. For simplicity, power supply
decoupling capacitors are not shown in these
diagrams. For more detail on the use and operation
of fully differential op amps see application report
Fully-Differential Amplifiers (SLOA054) .
The THS4520 is a fully differential op amp, and can
be used to amplify differential input signals to
differential output signals. A basic block diagram of
the circuit is shown in Figure 59 (CM input not
Figure 60. Single-Ended Input to Differential
shown). The gain of the circuit is set by RF divided by
Output Amplifier
RG.
The
input
common-model
voltage
of
a
fully
differential op amp is the voltage at the '+' and '–'
input pins of the op amp.
It is important to not violate the input common-mode
voltage range (VICR) of the op amp. Assuming the op
amp is in linear operation, the differential voltage
across the input pins is only a few millivolts at most.
So finding the voltage at one input pin determines
the input common-mode voltage of the op amp.
Treating the negative input as a summing node, the
voltage is given by Equation 1:
Figure 59. Differential Input to Differential Output
Amplifier
To determine the VICR of the op amp, the voltage at
Depending on the source and load, input and output
the negative input is evaluated at the extremes of
termination can be accomplished by adding RIT and
VOUT+.
RO.
As the gain of the op amp increases, the input
common-mode voltage becomes closer and closer to
Amplifier
the input common-mode voltage of the source.
The THS4520 can be used to amplify and convert
single-ended input signals to differential output
signals. A basic block diagram of the circuit is shown
The output common-mode voltage is set by the
in Figure 60 (CM input not shown). The gain of the
voltage at the CM pin. The internal common-mode
circuit is again set by RF divided by RG.
control circuit maintains the output common-mode
voltage within 0.25-mV offset (typical) from the set
voltage, when set within
±0.5 V of mid-supply. If left
unconnected, the common-mode set point is set to
mid-supply by internal circuitry, which may be
over-driven from an external source. Figure 61 is
representative of the CM input. The internal CM
circuit has about 230 MHz of bandwidth, which is
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com