Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4520 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4520 Datasheet HTML 9Page - National Semiconductor (TI) THS4520 Datasheet HTML 10Page - National Semiconductor (TI) THS4520 Datasheet HTML 11Page - National Semiconductor (TI) THS4520 Datasheet HTML 12Page - National Semiconductor (TI) THS4520 Datasheet HTML 13Page - National Semiconductor (TI) THS4520 Datasheet HTML 14Page - National Semiconductor (TI) THS4520 Datasheet HTML 15Page - National Semiconductor (TI) THS4520 Datasheet HTML 16Page - National Semiconductor (TI) THS4520 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
1
10
100
10
100
1k
10k
100k
1M
f − Frequency − Hz
Vn
In
1
100
10k
1M
100M
10G
f − Frequency − Hz
0
20
40
60
80
120
-200
-160
-120
-80
-40
0
40
100
Gain
Phase
10
10.5
12.5
14.5
14
13.5
15
1.5
1.75
2
2.5
V -SupplyVoltage- V
S
±
2.25
11
11.5
12
13
T =25 C
A
o
T =-40 C
A
o
T =85 C
A
o
0
1
5
9
8
7
10
1.5
1.75
2
2.5
V -SupplyVoltage- V
S
±
2.25
2
3
4
6
T =25 C
A
o
T =-40 C
A
o
T =85 C
A
o
-90
-80
-40
-30
-20
0.1
1
1000
f-Frequency-MHz
-60
-50
10
100
-70
Gain=6dB
Gain=0dB
R =499
R =200
F
L
W
W
V
=1V
V = 2.5V
O
PP
S
±
-20
-17
-15
-13
-11
-7
-5
-3
-1
0
1
3
0.1
1
10
100
1000
f-Frequency-MHz
-19
VO =100mV
V = 2.5V
PP
S
R =499
R =200
Gain=0dB
F
L
W
W
±
2
-2
-4
-6
-9
-8
-10
-12
-14
-16
-18
THS4520
SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007
OPEN LOOP GAIN AND PHASE vs FREQUENCY
INPUT REFERRED NOISE vs FREQUENCY
Figure 25.
Figure 26.
POWER SUPPLY CURRENT vs SUPPLY VOLTAGE IN
QUIESCENT CURRENT vs SUPPLY VOLTAGE
POWER-DOWN MODE
Figure 27.
Figure 28.
OUTPUT BALANCE ERROR vs FREQUENCY
CM SMALL SIGNAL FREQUENCY RESPONSE
Figure 29.
Figure 30.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com