Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4520 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4520 Datasheet HTML 4Page - National Semiconductor (TI) THS4520 Datasheet HTML 5Page - National Semiconductor (TI) THS4520 Datasheet HTML 6Page - National Semiconductor (TI) THS4520 Datasheet HTML 7Page - National Semiconductor (TI) THS4520 Datasheet HTML 8Page - National Semiconductor (TI) THS4520 Datasheet HTML 9Page - National Semiconductor (TI) THS4520 Datasheet HTML 10Page - National Semiconductor (TI) THS4520 Datasheet HTML 11Page - National Semiconductor (TI) THS4520 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TYPICAL AC PERFORMANCE: VS+ – VS– = 5 V
THS4520
SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007
Test conditions unless otherwise noted: VS+ = +2.5 V, VS– = –2.5 V, CM = open, VO = 2 VPP, RF = 499 Ω, RL = 200 Ω
Differential, G = 0 dB, Single-Ended Input, Input and Output Referenced to Midrail
Small-Signal Frequency Response
Figure 1
Large Signal Frequency Response
Figure 2
HD2
vs Frequency, VO = 2 VPP
Figure 3
HD3
vs Frequency, VO = 2 VPP
Figure 4
HD2
vs Frequency, VO = 4 VPP
Figure 5
HD3
vs Frequency, VO = 4 VPP
Figure 6
HD2
vs Output Voltage Swing, f = 1 MHz
Figure 7
HD3
vs Output Voltage Swing, f = 1 MHz
Figure 8
HD2
vs Output Voltage Swing, f = 8 MHz
Figure 9
Harmonic Distortion(1)
HD3
vs Output Voltage Swing, f = 8 MHz
Figure 10
HD2
vs Load Resistance, f = 1 MHz
Figure 11
HD3
vs Load Resistance, f = 1 MHz
Figure 12
HD2
vs Load Resistance, f = 8 MHz
Figure 13
HD3
vs Load Resistance, f = 8 MHz
Figure 14
HD2
vs Output common-mode voltage
Figure 15
HD3
vs Output common-mode voltage
Figure 16
0.1 dB Flatness
Figure 17
S-Parameters
vs Frequency
Figure 18
Slew Rate
vs Output Voltage
Figure 19
Gain = 6 dB, VO = 4 VPP
Figure 20
Transient Response
Gain = 6 dB, VO = 2 VPP
Figure 21
Output Voltage Swing
vs Load Resistance
Figure 22
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 23
Input Bias Current
vs Supply Voltage
Figure 24
Open Loop Gain and Phase
vs Frequency
Figure 25
Input Referred Noise
vs Frequency
Figure 26
Quiescent Current
vs Supply Voltage
Figure 27
Power Supply Current
vs Supply Voltage in Powerdown Mode
Figure 28
Output Balance Error
vs Frequency
Figure 29
CM Small-Signal Frequency Response
Figure 30
CM Input Bias Current
vs CM Input Voltage
Figure 31
Differential Output Offset Voltage
vs CM Input Voltage
Figure 32
Output Common-Mode Offset
vs CM Input Voltage
Figure 33
(1)
For additional plots, see the Applications section.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com