Electronic Components Datasheet Search
  English  ▼

X  

AP9319 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AP9319
Description  Environmental Monitoring Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9319 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AP9319 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 18Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 19Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 20Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 21Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 22Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Quick Configuration
Environmental Monitoring Unit — Installation and Quick Start
15
Local access to the
control console
You can use a local computer that connects to the unit through the serial
port on the front of the unit to access the control console.
1. Select a serial port at the local computer, and disable any service
that uses that port.
2. Use the configuration cable (940-0103) to connect the selected port
to the serial port on the front panel of the unit.
3. Run a terminal program (such as HyperTerminal) on your
computer and configure the selected port for 9600 bps, 8 data bits,
no parity, 1 stop bit, and no flow control, and save the changes.
4. Press ENTER to display the User Name prompt.
5. Use apc for the user name and password.
6. See “Control console” on page 16 to finish the configuration.
Remote access to the
control console
From any computer on the same subnet as the unit, you can use ARP and
Ping to assign an IP address to a unit, and then use Telnet to access that
unit’s control console and configure the needed TCP/IP settings.
1. Use ARP to define an IP address for the unit, and use the unit’s
MAC address in the ARP command. For example, to define an IP
address of 156.205.14.141 for a unit that has a MAC address of 00
c0 b7 63 9f 67, use one of the following commands:
– Windows command format:
arp -s 156.205.14.141 00-c0-b7-63-9f-67
– LINUX command format:
arp -s 156.205.14.141 00:c0:b7:63:9f:67
Note
After a unit has its IP address configured, you can use
Telnet, without first using ARP and Ping, to access that unit.
For the MAC address, look on the bottom of the unit
or on the Quality Assurance slip included in the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com