Electronic Components Datasheet Search
  English  ▼

X  

AP9319 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP9319
Description  Environmental Monitoring Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9319 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP9319 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Environmental Monitoring Unit — Installation and Quick Start
3
Overview
Front panel
The front panel of the Environmental Monitoring Unit has a RS232
console port that connects the unit to a local computer, using the
configuration cable (940-0103). Through the serial connection, you can
access all setup, status, maintenance, and diagnostic information for the
unit.
Rear panel
Item
Function
Power inlet
Connection to universal power supply.
Reset Button
Reset the unit. This will not affect the operation of
any connected devices.
10/100
10/100 LEDs: indicate traffic on the network
(green: operating at 10 mbps; orange: operating at
100 mbps).
Status LED
Indicate the status of the network connection (solid
green: an IP has been established; blinking green:
attempting to obtain an IP).
User Contact Input
Connections
Provide four user input connections for connecting
normally open or normally closed input contacts.
Local Temperature
and Humidity
Probe Connections
Connect up to two local temperature/humidity
probes (AP9512TBLK or AP9512THBLK).
A-Link Ports
APC device protocol used to communicate to
temperature/humidity probes (AP9520T or
AP9520TH) and air distribution products.
Alarm Beacon Port
Connect to the rack beacon.
Output Relay
Connect to relay controlled external devices. (
See
“Connector pinout descriptions” on page 4.)
Alarm
Beacon
Probe 2
Probe 1
10/100
Status
10/100Base-T
Temperature/
Humidity
Reset
Power
Output
User Contact Inputs
12
3
4
10 = Green
100 = Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com