Electronic Components Datasheet Search
  English  ▼

X  

AP9319 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AP9319
Description  Environmental Monitoring Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9319 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AP9319 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 18Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 19Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 20Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 21Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 22Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 23Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 24Page - List of Unclassifed Manufacturers AP9319 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Environmental Monitoring Unit — Installation and Quick Start
17
How to Access a Configured Unit
Overview
After the Environmental Monitoring Unit is running on your network,
you can use the interfaces summarized here to access the unit.
Web interface
As your browser, you can use Microsoft® Internet Explorer 5.0 (and
higher) or Netscape® 4.0.8 (and higher, except Netscape 6.x) to access
the Management Card through its Web interface. Other commonly
available browsers also may work but have not been fully tested by
APC.
To use the Web browser to configure and monitor Environmental
Monitoring Unit options or to view the event log, you can use either of
the following:
• The HTTP protocol (enabled by default), which provides
authentication by user name and password but no encryption).
• The more secure HTTPS protocol, which provides extra security
through Secure Socket Layer (SSL) and encrypts user names,
passwords, and data being transmitted. It also provides
authentication of Network Management Cards by means of digital
certificates.
To access the Web interface and configure the security of your device on
the network:
1. Address the Environmental Monitoring Unit by its IP address or
DNS name (if configured).
2. Enter the user name and password (by default, apc and apc for an
Administrator, or device and apc for a Device Manager).
3. Select and configure the type of security you want. (This option is
available only for Administrators.)
Telnet and SSH
You can access the control console through Telnet or Secure SHell
(SSH), depending on which is enabled. (An Administrator can enable
these access methods through the Telnet/SSH option of the Network
menu.) By default, Telnet is enabled. Enabling SSH automatically
disables Telnet.
See also
For more information on the interfaces, see the User’s
Guide.
See also
See the chapter entitled “Security” in the User’s Guide for
information on choosing and setting up your network
security. Use the Web/SSL option of the Network menu to
enable or disable the HTTP or HTTPS protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com