Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVR Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVR Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA320SAIDBVR Datasheet HTML 1Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 2Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 3Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 4Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 5Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 6Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA320, OPA320S, OPA2320, OPA2320S
UNIT
Supply voltage, VS = (V+) – (V–)
6
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal input pins
Current(2)
±10
mA
Output short-circuit current(3)
Continuous
mA
Operating temperature, TA
–40 to +150
°C
Storage temperature, TSTG
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
4000
V
ESD ratings
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com