Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVR Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVR Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA320SAIDBVR Datasheet HTML 1Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 2Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 3Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 4Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 5Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 6Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
THERMAL INFORMATION: OPA320, OPA320S
OPA320
OPA320S
THERMAL METRIC(1)
DBV (SOT23)
DBV (SOT23)
UNITS
5 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance
219.3
177.5
θJC(top)
Junction-to-case(top) thermal resistance
107.5
108.9
θJB
Junction-to-board thermal resistance
57.5
27.4
°C/W
ψJT
Junction-to-top characterization parameter
7.4
13.3
ψJB
Junction-to-board characterization parameter
56.9
26.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA2320, OPA2320S
OPA2320
OPA2320S
THERMAL METRIC(1)
D (SO)
DGK (MSOP)
DRG (DFN)
DGS (MSOP)
UNITS
8 PINS
8 PINS
8 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
122.6
174.8
50.6
171.5
θJC(top)
Junction-to-case(top) thermal resistance
67.1
43.9
54.9
43.0
θJB
Junction-to-board thermal resistance
64.0
95.0
25.2
91.4
°C/W
ψJT
Junction-to-top characterization parameter
13.2
2.0
0.6
1.9
ψJB
Junction-to-board characterization parameter
63.4
93.5
25.3
89.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
N/A
5.7
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com