Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 9Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 10Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 11Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 12Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 13Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 14Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Time (5 s/div)
Output Pin
Enable Pin
C001
G = 1 V/V
VS = 1.8V
VIN = 1.5V
Time (2.5 s/div)
Output Pin
Enable Pin
C001
G = 1 V/V
VS = 5.5V
VIN = 4V
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-
1.6
0.8
Time( s)
m
-
1.2
-
0.8
-
0.4
0
0.4
V
OUT
V
IN
Gain= 1
V = 2.75V
V
=100mV
-
±
S
IN
PP
1.5
1
0.5
0
0.5
1
1.5
-
-
-
-
0.4
1.6
Time( s)
m
0
0.4
0.8
1.2
V
OUT
V
IN
Gain=+1
V = 2.75V
V
=2V
S
IN
PP
±
12
11.5
11
10.5
10
9.5
9
1.6
5.6
SupplyVoltage(V)
2
2.8
3.2
2.4
3.6
4
4.4
4.8
5.2
Rise
Fall
C =50pF
L
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-
0.8
1.6
Time( s)
m
-
0.4
0
0.4
0.8
Gain=+1
V = 2.75V
V
=100mV
S
IN
PP
±
1.2
V
OUT
V
IN
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
SLEW RATE vs SUPPLY VOLTAGE
SMALL-SIGNAL STEP RESPONSE
Figure 25.
Figure 26.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE vs TIME
Figure 27.
Figure 28.
ENABLE STARTUP
ENABLE STARTUP
Figure 29.
Figure 30.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com