Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVR Datasheet HTML 5Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 6Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 9Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 10Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 11Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 12Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
6
5
4
3
2
1
0
10k
10M
Frequency(Hz)
100k
1M
5.5V
S
3.3V
S
1.8V
S
R =10k
C =50pF
W
L
L
3
2
1
0
1
2
3
-
-
-
0
80
OutputCurrent(mA)
10
20
30
60
50
40
V = 2.75V
±
S
70
-
°
40 C
+25 C
°
+125 C
°
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+1.8V
R =10k
C =50pF
W
S
L
L
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+5.5V
R =10k
C =50pF
S
L
L
W
1000
100
10
1
10
1M
Frequency(Hz)
100
1k
10k
100k
V =1.8Vto5.5V
S
6
5
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
Time(1s/div)
1
2
3
8
9
7
6
5
4
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
0.1Hz TO 10Hz INPUT VOLTAGE NOISE
Figure 13.
Figure 14.
CLOSED-LOOP GAIN vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 15.
Figure 16.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
(MSOP-8)
Figure 17.
Figure 18.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com