Electronic Components Datasheet Search
  English  ▼

X  

CS22220 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 10Page - Cirrus Logic CS22220 Datasheet HTML 11Page - Cirrus Logic CS22220 Datasheet HTML 12Page - Cirrus Logic CS22220 Datasheet HTML 13Page - Cirrus Logic CS22220 Datasheet HTML 14Page - Cirrus Logic CS22220 Datasheet HTML 15Page - Cirrus Logic CS22220 Datasheet HTML 16Page - Cirrus Logic CS22220 Datasheet HTML 17Page - Cirrus Logic CS22220 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS22220 Wireless PCMCIA Controller
14 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
DACAVCC
Input
Analog power for DAC. This is 3.3V.
DACAGND
Input
Analog ground for DAC.
PLL and Clock Interface
There are three clock pins and five PLL power pins. There are a total of 8 signals in this interface.
XTAL_CLKIN
Input
44 MHz reference clock input/crystal clock input.
XTALOUT
Input
Reference crystal clock output.
XTRACLK
Input
Second clock input to the clock module. This input clock is used
depending on the clock configuration, which is determined by three
strapping pin values.
PLLAGND
Input
Analog PLL ground.
PLLAVCC
Input
Analog PLL power. This is 3.3V.
PLLDGND
Input
Digital PLL ground.
PLLDVCC
Input
Digital PLL power. This is 1.8V.
PLLPLUS
Input
Analog PLL ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com