Electronic Components Datasheet Search
  English  ▼

X  

CS22220 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 26Page - Cirrus Logic CS22220 Datasheet HTML 27Page - Cirrus Logic CS22220 Datasheet HTML 28Page - Cirrus Logic CS22220 Datasheet HTML 29Page - Cirrus Logic CS22220 Datasheet HTML 30Page - Cirrus Logic CS22220 Datasheet HTML 31Page - Cirrus Logic CS22220 Datasheet HTML 32Page - Cirrus Logic CS22220 Datasheet HTML 33Page - Cirrus Logic CS22220 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
CS22220 Wireless PCMCIA Controller
33 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
Table 16. Radio MAC AC Timings – RFMD Modes
Parameter
Parameter Description
Min
Max
Units
tdBBRNW
BBRNW output delay from falling BBSCLK
6.7
ns
tdnBBCS
nBBCS output delay from falling BBSCLK
110.79
ns
tdBBSDX
BBSDX output delay from falling BBSCLK
7.0
ns
TsuBBSDX
BBSDX setup to rising edge of BBSCLK
14.5
ns
ThBBSDX
BBSDX hold from rising edge of BBSCLK
0.0
ns
tdTXD
TXD output delay from rising TXCLK (SMAC
Mode)
33.5
ns
tdTXD
TXD output delay from rising TXCLK (RMAC
Mode)
15.4
ns
TsuRXD
RXD setuptorising edgeofRXCLK
1.0
ns
ThRXD
RXD hold from rising edge of RXCLK
1.8
ns
TsuMDRDY
MDRDY setup to falling edge of RXCLK
2
ns
ThMDRDY
MDRDY hold from falling edge of RXCLK
1
ns
tdTXPEBB
TXPEBB output delay from rising TXCLK
15.0
ns
tdRXPEBB
RXPEBB output delay from rising RXCLK
16.0
ns
TsuTXRDY
TXRDY setup to falling edge of TXCLK
6.5
ns
ThTXRDY
TXRDY hold from falling edge of TXCLK
0
ns
Notes:
1.
CCA signal is double synchronized to ARMCLKIN.
2.
ARMCLK must be at least 4 times the TXCLK and RXCLK frequency.
3.
TXD delay in 802.11b mode is the result of sampling the TXCLK with the ctlclk, therefore the maximum delay
is equal to two ctlclk periods plus the flop-to-output delay. In this table, ctlclk is assumed to have a 13 ns
period.
4.
BBNCS output delay = [(1/ARMCLK freq)*ceiling(SER_CLK_DIV/2)] + 7ns, the specified value is based on
ARMCLK of 77 Mhz and SER_CLK_DIV=8.
Table 17. Package Specifications
Symbol
Parameter
Value
Units
θ
JC
Junction-to-Case Thermal
Resistance
2.5
°C/W
θ
JA
Junction-to-Open Air Thermal
Resistance
26.9
°C/W
TJ_MAX
Max Junction Temperature
105
°C
Notes:
1. ARMCLK / MEMCLK = 77MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com