Electronic Components Datasheet Search
  English  ▼

X  

CS22220 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 11Page - Cirrus Logic CS22220 Datasheet HTML 12Page - Cirrus Logic CS22220 Datasheet HTML 13Page - Cirrus Logic CS22220 Datasheet HTML 14Page - Cirrus Logic CS22220 Datasheet HTML 15Page - Cirrus Logic CS22220 Datasheet HTML 16Page - Cirrus Logic CS22220 Datasheet HTML 17Page - Cirrus Logic CS22220 Datasheet HTML 18Page - Cirrus Logic CS22220 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
CS22220 Wireless PCMCIA Controller
15 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
PC Card Interface
The PC Card interface is PCMCIA 2.1 fully compliant interface. The following provides detail pin
description.
PCD[15:0]
Bi-directional
Data lines. The data bus contains the data to be written on a write cycle
and the read return data on a read cycle.
PCA[10:0]
Input
Address lines. Signal PCA[10:0] are address bus input lines. PCA10 is
the most significant bit. During memory word access mode, A0 is not
used. During I/O word access cycle, A0 must be negated.
nPCE[2:1]
Input
Card enable. These lines are active low input signals. nPCE1 enables
even numbered addresses and nPCE2 enables odd numbered
addresses.
nPOE
Input
Output enable. This signal is used to gate memory read data from
memory card.
nPCWE
Input
Write enable. This is active low input signal is used for strobing memory
write data into the memory card.
nPCREG
Input
Attribute memory select. Assertion of this signal indicates the access is
limited to attribute memory and to I/O space. Attribute memory is a
separate accessed section of card memory and is generally used to
record card capacity and other configuration and attribute information.
nPCIREQ
Output
Interrupt request. This signal is asserted to indicate to the host system
that a PC card device requires host software service.
nPCSTSCHG
Output
PC card status changed – Not supported. This pin is used as a mode
strap pin. When asserted during reset, PC CARD I/F uses the big endian
protocol; otherwise pulled low (Default), it uses the little endian protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com